Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP213 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT89LP213 Datasheet HTML 10Page - ATMEL Corporation AT89LP213 Datasheet HTML 11Page - ATMEL Corporation AT89LP213 Datasheet HTML 12Page - ATMEL Corporation AT89LP213 Datasheet HTML 13Page - ATMEL Corporation AT89LP213 Datasheet HTML 14Page - ATMEL Corporation AT89LP213 Datasheet HTML 15Page - ATMEL Corporation AT89LP213 Datasheet HTML 16Page - ATMEL Corporation AT89LP213 Datasheet HTML 17Page - ATMEL Corporation AT89LP213 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 90 page
background image
14
3538A–MICRO–7/06
AT89LP213/214 [Preliminary]
Figure 10-1. Power-on Reset Sequence (BOD Disabled)
If the Brown-out Detector (BOD) is also enabled, the start-up timer does not begin counting until
after V
CC reaches the BOD threshold voltage VBOD as shown in Figure 10-2. However, if this
event occurs prior to the end of the initialization sequence, the timer must first wait for that
sequence to complete before counting.
Figure 10-2. Power-on Reset Sequence (BOD Enabled)
Note:
tPOR is approximately 92 µs ± 5%.
The start-up timer delay is user configurable with the Start-up Time User Fuses and depends on
the clock source (Table 10-1). The start-up delay should be selected to provide enough settling
time for V
CC and the selected clock source. The Start-Up Time fuses also control the length of
the start-up time after a Brown-out Reset or when waking up from Power-down during internally
timed mode.
VCC
RST
TIME-OUT
t
POR + tSUT
t
RHD
V
POR
INTERNAL
RESET
RST
INTERNAL
RESET
V
RH
(RST Tied to V
CC)
(RST Controlled Externally)
V
POR
VCC
RST
TIME-OUT
t
POR
t
RHD
V
POR
INTERNAL
RESET
RST
INTERNAL
RESET
V
RH
t
SUT
V
BOD
(RST Tied to V
CC)
(RST Controlled Externally)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com