Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP213 Datasheet(PDF) 53 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button AT89LP213 Datasheet HTML 49Page - ATMEL Corporation AT89LP213 Datasheet HTML 50Page - ATMEL Corporation AT89LP213 Datasheet HTML 51Page - ATMEL Corporation AT89LP213 Datasheet HTML 52Page - ATMEL Corporation AT89LP213 Datasheet HTML 53Page - ATMEL Corporation AT89LP213 Datasheet HTML 54Page - ATMEL Corporation AT89LP213 Datasheet HTML 55Page - ATMEL Corporation AT89LP213 Datasheet HTML 56Page - ATMEL Corporation AT89LP213 Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 90 page
background image
53
3538A–MICRO–7/06
AT89LP213/214 [Preliminary]
Figure 18-2. SPI Shift Register Diagram
Figure 18-3. SPI Block Diagram
2:1
MUX
2:1
MUX
Serial Master
Serial Slave
LATCH
DQ
CLK
LATCH
DQ
CLK
LATCH
DQ
CLK
LATCH
DQ
CLK
Parallel Slave
(Read Buffer)
Parallel Master
(Write Buffer)
Serial Out
Receive
Byte
Serial In
Transmit
Byte
8
8
8
8
7
8
Oscillator
8-bit Shift Register
Read Data Buffer
SPI Control
SPI Status Register
SPI Interrupt
Request
Internal
Data Bus
Select
SPI Clock (Mater)
Divider
÷4÷8÷32÷64
SPI Control Register
8
8
8
MSTR
Clock
Logic
Clock
MSB
S
M
LSB
S
M
M
S
MISO
P1.6
MOSI
P1.5
SCK
1.7
SS
P1.4
SPE
Write Data Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com