Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP213 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT89LP213 Datasheet HTML 18Page - ATMEL Corporation AT89LP213 Datasheet HTML 19Page - ATMEL Corporation AT89LP213 Datasheet HTML 20Page - ATMEL Corporation AT89LP213 Datasheet HTML 21Page - ATMEL Corporation AT89LP213 Datasheet HTML 22Page - ATMEL Corporation AT89LP213 Datasheet HTML 23Page - ATMEL Corporation AT89LP213 Datasheet HTML 24Page - ATMEL Corporation AT89LP213 Datasheet HTML 25Page - ATMEL Corporation AT89LP213 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 90 page
background image
22
3538A–MICRO–7/06
AT89LP213/214 [Preliminary]
13. I/O Ports
The AT89LP213/214 can be configured for between 9 and 12 I/O pins. The exact number of I/O
pins available depends on the clock and reset options as shown in Table 13-1. All port pins are
5V tolerant, that is they can be pulled up or driven to 5.5V even when operating at a lower V
CC
such as 3V.
13.1
Port Configuration
All port pins on the AT89LP213/214 may be configured to one of four modes: quasi-bidirectional
(standard 8051 port outputs), push-pull output, open-drain output, or input-only. Port modes may
be assigned in software on a pin-by-pin basis as shown in Table 13-2. The Tristate-Port User
Fuse determines the default state of the port pins. When the fuse is enabled, all port pins default
to input-only mode after reset. When the fuse is disabled, all port pins, with the exception of P1.0
and P1.1, default to quasi-bidirectional mode after reset and are weakly pulled high. Each port
pin also has a Schmitt-triggered input for improved input noise rejection. During Power-down all
the Schmitt-triggered inputs are disabled with the exception of P1.3, P3.2 and P3.3, which may
be used to wake up the device. Therefore P1.3, P3.2 and P3.3 should not be left floating during
Power-down
Table 12-4.
IPH
– Interrupt Priority High Register
IPH = B7H
Reset Value = X000 0000B
Not Bit Addressable
–
–
PGH
PSH
PT1H
PX1H
PT0H
PX0H
Bit
7
6
543
21
0
Symbol
Function
PGH
General-purpose Interrupt Priority High
PSH
Serial Port Interrupt Priority High
PT1H
Timer 1 Interrupt Priority High
PX1H
External Interrupt 1 Priority High
PT0H
Timer 0 Interrupt Priority High
PX0H
External Interrupt 0 Priority High
Table 13-1.
I/O Pin Configurations
Clock Source
Reset Option
Number of I/O Pins
External Crystal or Resonator
External RST Pin
9
No external reset
10
External Clock
External RST Pin
10
No external reset
11
Internal RC Oscillator
External RST Pin
11
No external reset
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com