Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP213 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT89LP213 Datasheet HTML 6Page - ATMEL Corporation AT89LP213 Datasheet HTML 7Page - ATMEL Corporation AT89LP213 Datasheet HTML 8Page - ATMEL Corporation AT89LP213 Datasheet HTML 9Page - ATMEL Corporation AT89LP213 Datasheet HTML 10Page - ATMEL Corporation AT89LP213 Datasheet HTML 11Page - ATMEL Corporation AT89LP213 Datasheet HTML 12Page - ATMEL Corporation AT89LP213 Datasheet HTML 13Page - ATMEL Corporation AT89LP213 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 90 page
background image
10
3538A–MICRO–7/06
AT89LP213/214 [Preliminary]
8.
Enhanced CPU
The AT89LP213/214 uses an enhanced 8051 CPU that runs at 6 to 12 times the speed of stan-
dard 8051 devices (or 3 to 6 times the speed of X2 8051 devices). The increase in performance
is due to two factors. First, the CPU fetches one instruction byte from the code memory every
clock cycle. Second, the CPU uses a simple two-stage pipeline to fetch and execute instructions
in parallel. This basic pipelining concept allows the CPU to obtain up to 1 MIPS per MHz. A sim-
ple example is shown in Figure 8-1.
The MCS-51 instruction set allows for instructions of variable length from 1 to 3 bytes. In a sin-
gle-clock-per-byte-fetch system this means each instruction takes at least as many clocks as it
has bytes to execute. The majority of instructions in the AT89LP213/214 follow this rule: the
instruction execution time in clock cycles equals the number of bytes per instruction with a
few exceptions. Branches and Calls require an additional cycle to compute the target address
and some other complex instructions require multiple cycles. See “Instruction Set Summary” on
page 59 for more detailed information on individual instructions. Figures 8-2 and 8-3 show
examples of 1- and 2-byte instructions.
Figure 8-1.
Parallel Instruction Fetches and Executions
Figure 8-2.
Single-cycle ALU Operation (Example: INC R0)
System Clock
nth Instruction
(n+1)th Instruction
Fetch
Execute
Fetch
Execute
Fetch
Tn
Tn+1
Tn+2
(n+2)th Instruction
System Clock
Total Execution Time
Register Operand Fetch
T1
T2
T3
ALU Operation Execute
Result Write Back
Fetch Next Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com