Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP213 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT89LP213 Datasheet HTML 1Page - ATMEL Corporation AT89LP213 Datasheet HTML 2Page - ATMEL Corporation AT89LP213 Datasheet HTML 3Page - ATMEL Corporation AT89LP213 Datasheet HTML 4Page - ATMEL Corporation AT89LP213 Datasheet HTML 5Page - ATMEL Corporation AT89LP213 Datasheet HTML 6Page - ATMEL Corporation AT89LP213 Datasheet HTML 7Page - ATMEL Corporation AT89LP213 Datasheet HTML 8Page - ATMEL Corporation AT89LP213 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 90 page
background image
5
3538A–MICRO–7/06
AT89LP213/214 [Preliminary]
4.
Block Diagram
Figure 4-1.
AT89LP213 Block Diagram
Figure 4-2.
AT89LP214 Block Diagram
Single Cycle
8051 CPU
2KB Flash
128 Bytes
RAM
Port 3
Configurable I/O
Port 1
Configurable I/O
SPI
Timer 0
Timer 1
Analog
Comparator
Watchdog
Timer
On-Chip
RC Oscillator
General-purpose
Interrupt
Configurable
Oscillator
CPU Clock
Crystal or
Resonator
Single Cycle
8051 CPU
2KB Flash
128 Bytes
RAM
Port 3
Configurable I/O
Port 1
Configurable I/O
UART
SPI
Timer 0
Timer 1
Analog
Comparator
Watchdog
Timer
On-Chip
RC Oscillator
General-purpose
Interrupt
Configurable
Oscillator
CPU Clock
Crystal or
Resonator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com