Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP213 Datasheet(PDF) 75 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button AT89LP213 Datasheet HTML 71Page - ATMEL Corporation AT89LP213 Datasheet HTML 72Page - ATMEL Corporation AT89LP213 Datasheet HTML 73Page - ATMEL Corporation AT89LP213 Datasheet HTML 74Page - ATMEL Corporation AT89LP213 Datasheet HTML 75Page - ATMEL Corporation AT89LP213 Datasheet HTML 76Page - ATMEL Corporation AT89LP213 Datasheet HTML 77Page - ATMEL Corporation AT89LP213 Datasheet HTML 78Page - ATMEL Corporation AT89LP213 Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 90 page
background image
75
3538A–MICRO–7/06
AT89LP213/214 [Preliminary]
23.8.6
Timing Parameters
The timing parameters for Figure 23-5, Figure 23-6, Figure 23-7, Figure 23-8, and Figure 23-10
are shown in Table 23-6.
Table 23-6.
Programming Interface Timing Parameters
Note:
1. t
SCK is independent of tCLCL.
Symbol
Parameter
Min
Max
Units
tCLCL
System Clock Cycle Time
0
60
ns
tPWRUP
Power On to SS High Time
10
µs
tPOR
Power-on Reset Time
100
µs
tPWRDN
SS Tristate to Power Off
1
µs
tRLZ
RST Low to I/O Tristate
tCLCL
2 tCLCL
ns
tSTL
RST Low Settling Time
100
ns
tRHZ
RST High to SS Tristate
0
2 tCLCL
ns
tSCK
Serial Clock Cycle Time
200(1)
ns
tSHSL
Clock High Time
75
ns
tSLSH
Clock Low Time
50
ns
tSR
Rise Time
25
ns
tSF
Fall Time
25
ns
t
SIS
Serial Input Setup Time
10
ns
t
SIH
Serial Input Hold Time
10
ns
t
SOH
Serial Output Hold Time
10
ns
t
SOV
Serial Output Valid Time
35
ns
t
SOE
Output Enable Time
10
ns
t
SOX
Output Disable Time
25
ns
t
SSE
SS Enable Lead Time
t
SLSH
ns
t
SSD
SS Disable Lag Time
t
SLSH
ns
t
ZSS
SCK Setup to SS Low
25
ns
t
SSZ
SCK Hold after SS High
25
ns
t
WR
Write Cycle Time
2.5
ms
t
AWR
Write Cycle with Auto-Erase Time
5
ms
t
ERS
Chip Erase Cycle Time
7.5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com