Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP213 Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT89LP213 Datasheet HTML 20Page - ATMEL Corporation AT89LP213 Datasheet HTML 21Page - ATMEL Corporation AT89LP213 Datasheet HTML 22Page - ATMEL Corporation AT89LP213 Datasheet HTML 23Page - ATMEL Corporation AT89LP213 Datasheet HTML 24Page - ATMEL Corporation AT89LP213 Datasheet HTML 25Page - ATMEL Corporation AT89LP213 Datasheet HTML 26Page - ATMEL Corporation AT89LP213 Datasheet HTML 27Page - ATMEL Corporation AT89LP213 Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 90 page
background image
24
3538A–MICRO–7/06
AT89LP213/214 [Preliminary]
13.1.2
Input-only Mode
The input only port configuration is shown in Figure 13-2. The output drivers are tristated. The
input includes a Schmitt-triggered input for improved input noise rejection. The input circuitry of
P1.3, P3.2 and P3.3 is not disabled during Power-down (see Figure 13-3). Input pins can be
safely driven to 5.5V even when operating at lower V
CC levels; however, the input threshold of
the Schmitt trigger will be set by the V
CC level and must be taken into consideration.
Figure 13-2. Input Only
Figure 13-3. Input Only for P1.3, P3.2 and P3.3
13.1.3
Open-drain Output
The open-drain output configuration turns off all pull-ups and only drives the pull-down transistor
of the port pin when the port latch contains a logic “0”. To be used as a logic output, a port con-
figured in this manner must have an external pull-up, typically a resistor tied to V
CC. The pull-
down for this mode is the same as for the quasi-bidirectional mode. The open-drain port configu-
ration is shown in Figure 13-4.The input circuitry of P1.3, P3.2 and P3.3 is not disabled during
Power-down (see Figure 13-3). Open-drain pins can be safely pulled high to 5.5V even when
operating at lower V
CC levels; however, the input threshold of the Schmitt trigger will be set by
the V
CC level and must be taken into consideration.
Figure 13-4. Open-drain Output
13.1.4
Push-pull Output
The push-pull output configuration has the same pull-down structure as both the open-drain and
the quasi-bidirectional output modes, but provides a continuous strong pull-up when the port
latch contains a logic “1”. The push-pull mode may be used when more source current is needed
from a port output. The push-pull port configuration is shown in Figure 13-5. The input circuitry of
P1.3, P3.2 and P3.3 is not disabled during Power-down (see Figure 13-3).
Port
Pin
Input
Data
PWD
Port
Pin
Input
Data
Port
Pin
From Port
Register
Input
Data
PWD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com