Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP213 Datasheet(PDF) 80 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 80 Page - ATMEL Corporation

Back Button AT89LP213 Datasheet HTML 76Page - ATMEL Corporation AT89LP213 Datasheet HTML 77Page - ATMEL Corporation AT89LP213 Datasheet HTML 78Page - ATMEL Corporation AT89LP213 Datasheet HTML 79Page - ATMEL Corporation AT89LP213 Datasheet HTML 80Page - ATMEL Corporation AT89LP213 Datasheet HTML 81Page - ATMEL Corporation AT89LP213 Datasheet HTML 82Page - ATMEL Corporation AT89LP213 Datasheet HTML 83Page - ATMEL Corporation AT89LP213 Datasheet HTML 84Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 90 page
background image
80
3538A–MICRO–7/06
AT89LP213/214 [Preliminary]
Figure 24-6. Shift Register Mode Timing Waveform
24.6
Test Conditions
24.6.1
AC Testing Input/Output Waveform(1)
Note:
1. AC Inputs during testing are driven at V
CC - 0.5V for a logic “1” and 0.45V for a logic “0”. Timing measurements are made at
VIH min. for a logic “1” and VIL max. for a logic “0”.
24.6.2
Float Waveform(1)
Note:
1. For timing purposes, a port pin is no longer floating when a 100 mV change from load voltage occurs. A port pin begins to
float when 100 mV change from the loaded VOH/VOL level occurs.
24.5
Serial Port Timing: Shift Register Mode Test Conditions
The values in this table are valid for V
CC = 2.4V to 5.5V and Load Capacitance = 80 pF.
Symbol
Parameter
Variable Oscillator
Units
Min
Max
tXLXL
Serial Port Clock Cycle Time
2tCLCL -15
µs
t
QVXH
Output Data Setup to Clock Rising Edge
t
CLCL -15
ns
tXHQX
Output Data Hold after Clock Rising Edge
tCLCL -15
ns
tXHDX
Input Data Hold after Clock Rising Edge
0
ns
t
XHDV
Input Data Valid to Clock Rising Edge
15
ns
01
2
3
4
5
6
7
VALID
VALID
VALID
VALID
VALID
VALID
VALID
VALID
CLOCK
WRITE TO SBUF
OUTPUT DATA
CLEAR RI
INPUT DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com