Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP213 Datasheet(PDF) 70 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 70 Page - ATMEL Corporation

Back Button AT89LP213 Datasheet HTML 66Page - ATMEL Corporation AT89LP213 Datasheet HTML 67Page - ATMEL Corporation AT89LP213 Datasheet HTML 68Page - ATMEL Corporation AT89LP213 Datasheet HTML 69Page - ATMEL Corporation AT89LP213 Datasheet HTML 70Page - ATMEL Corporation AT89LP213 Datasheet HTML 71Page - ATMEL Corporation AT89LP213 Datasheet HTML 72Page - ATMEL Corporation AT89LP213 Datasheet HTML 73Page - ATMEL Corporation AT89LP213 Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 90 page
background image
70
3538A–MICRO–7/06
AT89LP213/214 [Preliminary]
23.4
Status Register
The current state of the memory may be accessed by reading the status register. The status reg-
ister is shown in Table 23-3.
23.5
DATA Polling
The AT89LP213/214 implements DATA polling to indicate the end of a programming cycle.
While the device is busy, any attempted read of the last byte written will return the data byte with
the MSB complemented. Once the programming cycle has completed, the true value will be
accessible. During Erase the data is assumed to be FFH and DATA polling will return 7FH.
When writing multiple bytes in a page, the DATA value will be the last data byte loaded before
programming begins, not the written byte with the highest physical address within the page.
23.6
Flash Security
The AT89LP213/214 provides two Lock Bits for Flash Code Memory security. Lock bits can be
left unprogrammed (FFh) or programmed (00h) to obtain the protection levels listed in Table 23-
4. Lock bits can only be erased (set to FFh) by Chip Erase. Lock bit mode 2 disables program-
ming of all memory spaces, including the User Signature Array and User Configuration Fuses.
User fuses must be programmed before enabling Lock bit mode 2 or 3. Lock bit mode 3 imple-
mented mode 2 and also blocks reads from the code memory; however, reads of the User
Signature Array, Atmel Signature Array, and User Configuration Fuses are still allowed.
Table 23-3.
Status
Register
–––
–
LOAD
SUCCESS
WRTINH
BUSY
Bit
7
6
543
21
0
Symbol
Function
LOAD
Load flag. Cleared low by the load page buffer command and set high by the next memory write. This flag signals that
the page buffer was previously loaded with data by the load page buffer command.
SUCCESS
Success flag. Cleared low at the start of a programming cycle and will only be set high if the programming cycle
completes without interruption from the brownout detector.
WRTINH
Write Inhibit flag. Cleared low by the brownout detector (BOD) whenever programming is inhibited due to V
CC falling
below the minimum required programming voltage. If a BOD episode occurs during programming, the SUCCESS flag
will remain low after the cycle is complete. WRTINH low also forces BUSY low.
BUSY
Busy flag. Cleared low whenever the memory is busy programming or if write is currently inhibited.
Table 23-4.
Lock Bit Protection Modes
Program Lock Bits (by address)
Mode
00h
01h
Protection Mode
1
FFh
FFh
No program lock features
2
00h
FFh
Further programming of the Flash is disabled
3
00h
00h
Further programming of the Flash is disabled and verify
(read) is also disabled; OCD is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com