Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP213 Datasheet(PDF) 61 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 61 Page - ATMEL Corporation

Back Button AT89LP213 Datasheet HTML 57Page - ATMEL Corporation AT89LP213 Datasheet HTML 58Page - ATMEL Corporation AT89LP213 Datasheet HTML 59Page - ATMEL Corporation AT89LP213 Datasheet HTML 60Page - ATMEL Corporation AT89LP213 Datasheet HTML 61Page - ATMEL Corporation AT89LP213 Datasheet HTML 62Page - ATMEL Corporation AT89LP213 Datasheet HTML 63Page - ATMEL Corporation AT89LP213 Datasheet HTML 64Page - ATMEL Corporation AT89LP213 Datasheet HTML 65Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 90 page
background image
61
3538A–MICRO–7/06
AT89LP213/214 [Preliminary]
Data Transfer
Bytes
Clock Cycles
Hex Code
8051
AT89LP
MOV A, Rn
1
12
1
E8-EF
MOV A, direct
2
12
2
E5
MOV A, @Ri
1
12
2
E6-E7
MOV A, #data
2
12
2
74
MOV Rn, A
1
12
1
F8-FF
MOV Rn, direct
2
24
2
A8-AF
MOV Rn, #data
2
12
2
78-7F
MOV direct, A
2
12
2
F5
MOV direct, Rn
2
24
2
88-8F
MOV direct, direct
3
24
3
85
MOV direct, @Ri
2
24
2
86-87
MOV direct, #data
3
24
3
75
MOV @Ri, A
1
12
1
F6-F7
MOV @Ri, direct
2
24
2
A6-A7
MOV @Ri, #data
2
12
2
76-77
MOV DPTR, #data16
3
24
3
90
MOVC A, @A+DPTR
1
24
3
93
MOVC A, @A+PC
1
24
3
83
MOVX A, @Ri
1
24
4
E2-E3
MOVX A, @DPTR
1
24
4
E0
MOVX @Ri, A
1
24
4
F2-F3
MOVX @DPTR, A
1
24
4
F0
PUSH direct
2
24
2
C0
POP direct
2
24
2
D0
XCH A, Rn
1
12
1
C8-CF
XCH A, direct
2
12
2
C5
XCH A, @Ri
1
12
2
C6-C7
XCHD A, @Ri
1
12
2
D6-D7
CLR C
1
12
1
C3
CLR bit
2
12
2
C2
SETB C
1
12
1
D3
SETB bit
2
12
2
D2
CPL C
1
12
1
B3
CPL bit
2
12
2
B2
ANL C, bit
2
24
2
82
Table 21-1.
Instruction Execution Times and Exceptions (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com