Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP213 Datasheet(PDF) 65 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button AT89LP213 Datasheet HTML 61Page - ATMEL Corporation AT89LP213 Datasheet HTML 62Page - ATMEL Corporation AT89LP213 Datasheet HTML 63Page - ATMEL Corporation AT89LP213 Datasheet HTML 64Page - ATMEL Corporation AT89LP213 Datasheet HTML 65Page - ATMEL Corporation AT89LP213 Datasheet HTML 66Page - ATMEL Corporation AT89LP213 Datasheet HTML 67Page - ATMEL Corporation AT89LP213 Datasheet HTML 68Page - ATMEL Corporation AT89LP213 Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 90 page
background image
65
3538A–MICRO–7/06
AT89LP213/214 [Preliminary]
23. Programming the Flash Memory
The Atmel AT89LP213/214 microcontroller features 2KB of on-chip In-System Programmable
Flash program memory. In-System Programming (ISP) allows programming and reprogramming
of the microcontroller positioned inside the end system. Using a simple 4-wire SPI interface, the
In-System programmer communicates serially with the AT89LP213/214 microcontroller, repro-
gramming all nonvolatile memories on the chip. In-System programming eliminates the need for
physical removal of the chips from the system. This will save time and money, both during devel-
opment in the lab, and when updating the software or parameters in the field. The ISP interface
of the AT89LP213/214 includes the following features:
• Four Wire SPI Programming Interface
• Active-low Reset Entry into Programming
• Slave Select allows multiple devices on same interface
• User Signature Array
• Flexible Page Programming
• Row Erase Capability
• Page Write with Auto-Erase Commands
• Programming Status Register
For more detailed information on In-System Programming, refer to the Application Note entitled
“AT89LP In-System Programming Specification”.
23.1
Physical Interface
In-System Programming utilizes the Serial Peripheral Interface (SPI) pins of an AT89LP213/214
microcontroller. The SPI is a full duplex synchronous serial interface consisting of four wires:
Serial Clock (SCK), Master-In/Slave-out (MISO), Master-out/Slave-in (MOSI), and an active-low
Slave Select (SS). When programming an AT89LP213/214 device, the programmer always
operates as the SPI master, and the target system always operates as the SPI slave. To enter or
remain in In-System Programming mode the device’s reset line (RST) must be held active (low).
With the addition of VCC and GND, an AT89LP213/214 microcontroller can be programmed with
a minimum of seven connections as shown in Figure 23-1.
Figure 23-1. In-System Programming Device Connections
AT89LP213/214
VCC
P1.3/RST
P1.7/SCK
P1.5/MOSI
GND
Serial Clock
Serial In
RST
P1.4/SS
P1.6/MISO
Serial Out
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com