Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP213 Datasheet(PDF) 56 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button AT89LP213 Datasheet HTML 52Page - ATMEL Corporation AT89LP213 Datasheet HTML 53Page - ATMEL Corporation AT89LP213 Datasheet HTML 54Page - ATMEL Corporation AT89LP213 Datasheet HTML 55Page - ATMEL Corporation AT89LP213 Datasheet HTML 56Page - ATMEL Corporation AT89LP213 Datasheet HTML 57Page - ATMEL Corporation AT89LP213 Datasheet HTML 58Page - ATMEL Corporation AT89LP213 Datasheet HTML 59Page - ATMEL Corporation AT89LP213 Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 90 page
background image
56
3538A–MICRO–7/06
AT89LP213/214 [Preliminary]
Note:
1. Debouncing modes require the use of Timer 1 to generate the sampling delay.
Table 19-1.
ACSR
– Analog Comparator Control & Status Register
ACSR = 97H
Reset Value = XXX0 0000B
Not Bit Addressable
––
CIDL
CF
CEN
CM3
CM1
CM0
Bit
7
6
543
21
0
Symbol
Function
CIDL
Comparator Idle Enable. If CIDL = 1 the comparator will continue to operate during Idle mode. If CIDL = 0 the
comparator is powered down during Idle mode. The comparator is always shut down during Power-down mode.
CF
Comparator Interrupt Flag. Set when the comparator output meets the conditions specified by the CM [2:0] bits and CEN
is set. The flag must be cleared by software. The interrupt may be enabled/disabled by setting/clearing bit 6 of IE.
CEN
Comparator Enable. Set this bit to enable the comparator. Clearing this bit will force the comparator output low and
prevent further events from setting CF. When CEN = 1 the analog input pins, P1.0 and P1.1, have their digital inputs
disabled.
CM [2:0]
Comparator Interrupt Mode
CM2
CM1
CM0
Interrupt Mode
000Negative (Low) level
001Positive edge
010Toggle with debouncing(1)
011Positive edge with debouncing(1)
100Negative edge
101Toggle
110Negative edge with debouncing(1)
111Positive (High) level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com