Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP213 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT89LP213 Datasheet HTML 22Page - ATMEL Corporation AT89LP213 Datasheet HTML 23Page - ATMEL Corporation AT89LP213 Datasheet HTML 24Page - ATMEL Corporation AT89LP213 Datasheet HTML 25Page - ATMEL Corporation AT89LP213 Datasheet HTML 26Page - ATMEL Corporation AT89LP213 Datasheet HTML 27Page - ATMEL Corporation AT89LP213 Datasheet HTML 28Page - ATMEL Corporation AT89LP213 Datasheet HTML 29Page - ATMEL Corporation AT89LP213 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 90 page
background image
26
3538A–MICRO–7/06
AT89LP213/214 [Preliminary]
13.4
Port Alternate Functions
Most general-purpose digital I/O pins of the AT89LP213/214 share functionality with the various
I/Os needed for the peripheral units. Table 13-5 lists the alternate functions of the port pins.
Alternate functions are connected to the pins in a logic AND fashion. In order to enable the
alternate function on a port pin, that pin must have a “1” in its corresponding port register bit,
otherwise the input/output will always be “0”. Furthermore, each pin must be configured
for the correct input/output mode as required by its peripheral before it may be used as such.
Table 13-4 shows how to configure a generic pin for use with an alternate function.
Table 13-4.
Alternate Function Configurations for Pin y of Port x
PxM0.y
PxM1.y
Px.y
I/O Mode
0
0
1
bidirectional (internal pull-up)
0
1
1
output
1
0
X
input
1
1
1
bidirectional (external pull-up)
Table 13-5.
Port Pin Alternate Functions
Port Pin
Configuration Bits
Alternate
Function
Notes
PxM0.y
PxM1.y
P1.0
P1M0.0
P1M1.0
AIN0
input-only
GPI0
P1.1
P1M0.1
P1M1.1
AIN1
input-only
GPI1
P1.2
P1M0.2
P1M1.2
GPI2
P1.3
P1M0.3
P1M1.3
GPI3
RST must be disabled
P1.4
P1M0.4
P1M1.4
SS
GPI4
P1.5
P1M0.5
P1M1.5
MOSI
GPI5
P1.6
P1M0.6
P1M1.6
MISO
GPI6
P1.7
P1M0.7
P1M1.7
SCK
GPI7
P3.0
P3M0.0
P3M1.0
RXD
AT89LP214 Only
P3.1
P3M0.1
P3M1.1
TXD
P3.2
P3M0.2
P3M1.2
INT0
Internal RC Oscillator Only
P3.3
P3M0.3
P3M1.3
INT1
Internal RC Oscillator or
External Clock Source Only
CLKOUT
P3.4
P3M0.4
P3M1.4
T0
AT89LP213 Only
P3.5
P3M0.5
P3M1.5
T1
P3.6
not configurable
CMPOUT
Pin is tied to comparator output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com