Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP213 Datasheet(PDF) 59 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 59 Page - ATMEL Corporation

Back Button AT89LP213 Datasheet HTML 55Page - ATMEL Corporation AT89LP213 Datasheet HTML 56Page - ATMEL Corporation AT89LP213 Datasheet HTML 57Page - ATMEL Corporation AT89LP213 Datasheet HTML 58Page - ATMEL Corporation AT89LP213 Datasheet HTML 59Page - ATMEL Corporation AT89LP213 Datasheet HTML 60Page - ATMEL Corporation AT89LP213 Datasheet HTML 61Page - ATMEL Corporation AT89LP213 Datasheet HTML 62Page - ATMEL Corporation AT89LP213 Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 90 page
background image
59
3538A–MICRO–7/06
AT89LP213/214 [Preliminary]
21. Instruction Set Summary
The AT89LP213/214 is fully binary compatible with the MCS-51 instruction set. The difference
between the AT89LP213/214 and the standard 8051 is the number of cycles required to execute
an instruction. Instructions in the AT89LP213/214 may take 1, 2, 3 or 4 clock cycles to complete.
The execution times of most instructions may be computed using Table 21-1.
Table 21-1.
Instruction Execution Times and Exceptions
Generic Instruction Types
Cycle Count Formula
Most arithmetic, logical, bit and transfer instructions
# bytes
Branches and Calls
# bytes + 1
Single Byte Indirect (i.e. ADD A, @Ri, etc.)
2
RET, RETI
4
MOVC
3
MOVX
4
MUL
2
DIV
4
INC DPTR
2
Arithmetic
Bytes
Clock Cycles
Hex Code
8051
AT89LP
ADD A, Rn
1
12
1
28-2F
ADD A, direct
2
12
2
25
ADD A, @Ri
1
12
2
26-27
ADD A, #data
2
12
2
24
ADDC A, Rn
1
12
1
38-3F
ADDC A, direct
2
12
2
35
ADDC A, @Ri
1
12
2
36-37
ADDC A, #data
2
12
2
34
SUBB A, Rn
1
12
1
98-9F
SUBB A, direct
2
12
2
95
SUBB A, @Ri
1
12
2
96-97
SUBB A, #data
2
12
2
94
INC Rn
1
12
1
08-0F
INC direct
2
12
2
05
INC @Ri
1
12
2
06-07
INC A
2
12
2
04
DEC Rn
1
12
1
18-1F
DEC direct
2
12
2
15
DEC @Ri
1
12
2
16-17
DEC A
2
12
2
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com