Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS461C Datasheet(PDF) 7 Page - ATMEL Corporation

Part # TSS461C
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461C Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button TSS461C Datasheet HTML 3Page - ATMEL Corporation TSS461C Datasheet HTML 4Page - ATMEL Corporation TSS461C Datasheet HTML 5Page - ATMEL Corporation TSS461C Datasheet HTML 6Page - ATMEL Corporation TSS461C Datasheet HTML 7Page - ATMEL Corporation TSS461C Datasheet HTML 8Page - ATMEL Corporation TSS461C Datasheet HTML 9Page - ATMEL Corporation TSS461C Datasheet HTML 10Page - ATMEL Corporation TSS461C Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
7
TSS461C
4193G–AUTO–12/04
Figure 2. Intel Read and Write Cycles
Motorola Mode
In Motorola mode, the WR pin becomes the R/W command, the RD pin must be con-
nected to ground and the CS pin becomes the E strobe. There is no separate chip select
input. For example, if some external decoder is used, this decoder should not drive the
E input high unless the processors E output is high as well.
See Figure 3 for the Motorola read and write cycles. The main difference between Intel
and Motorola mode is that the timing in Intel mode is referenced to the command signals
(RD and WR), but in Motorola mode the reference is the E signal.
Figure 3. Motorola Read and Write Cycles
Interrupts
If an event occurs in the TSS461C that needs the attention of the processor, this will be
signalled on the active low, open-drain interrupt request pin. The events that create this
request are controlled by the internal registers.
Every time the microprocessor accesses any of the interrupt registers (addresses 0x08
to 0x0B), the INT pin will be released momentarily. This enables the TSS461C to work
with processors that either have edge or level sensitive interrupt inputs.
ALE
AD[7:0]
RD
WR
CS
ADDRESS
DATA TO BE
WRITTEN
ADDRESS
DATA
READ
WRITE CYCLE
READ CYCLE
ALE
AD[7:0]
VSS (RD)
R/W (WR)
E (CS)
ADDRESS
DATA TO BE
WRITTEN
ADDRESS
DATA
READ
WRITE CYCLE
READ CYCLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com