Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS461C Datasheet(PDF) 14 Page - ATMEL Corporation

Part # TSS461C
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461C Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button TSS461C Datasheet HTML 10Page - ATMEL Corporation TSS461C Datasheet HTML 11Page - ATMEL Corporation TSS461C Datasheet HTML 12Page - ATMEL Corporation TSS461C Datasheet HTML 13Page - ATMEL Corporation TSS461C Datasheet HTML 14Page - ATMEL Corporation TSS461C Datasheet HTML 15Page - ATMEL Corporation TSS461C Datasheet HTML 16Page - ATMEL Corporation TSS461C Datasheet HTML 17Page - ATMEL Corporation TSS461C Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
14
TSS461C
4193G–AUTO–12/04
The IFS is defined to be a minimum of 64 prescaled clocks periods. The TSS461C,
accepts an IFS of zero prescaled clocks for the reception only of a SOF sequence.
Once the bus is free, the module must now, if it is an autonomous module emits a SOF
sequence or, if it is a synchronous access module, wait until it detects a preamble
sequence.
Until this point there can be several modules transmitting on the bus, and there is no
possibility of knowing if this is the case or not. Therefore, the first field in which arbitra-
tion can be performed is the identifier field. Since the logical zeroes on the bus are
dominant, and all data is transmitted with the most significant bit (MSB) first, the first
module to transmit a logical zero on the bus will be the prioritized module, i.e., the mes-
sage that is tagged with the lowest identifier will have priority over the other messages.
However it is possible that two messages transmitted on the bus will have the same
identifier. The TSS461C therefore, continues the arbitration of the bus throughout the
whole frame. In addition, if the identifier in transmission has been programmed for
reception as well, it transmits and receives messages simultaneously, right up till the
Frame Check Sequence (FCS). Only then, if the TSS461C has transmitted the whole
message. It discards the message received. Arbitration loss in the FCS field is consid-
ered as a CRC error during transmission.
This feature is called full data field arbitration, and it enables the user to extend the iden-
tifier. For instance, it can be used to transmit the emitting modules address in the first
bytes of the data field, thus enabling the identifier to specify the contents of the frame
and the data field to specify the source of the information.
The identifier field of the VAN bus frame is always 12 bits long, and it is always followed
by the 4-bit command field:
•
The first bit of the command is the extension bit (EXT). This bit is defined by the
user on transmission and is received and retained by the TSS461C. To conform with
the standard, it should be set to 1 (recessive) by the user, else the frame is ignored
without any IT generation.
•
The second bit is the request ACKnowledge bit (RAK). If this bit is a logical one, the
receiving module must acknowledge the transfer with an in-frame
acknowledgement in the ACK field. If it is set to logical zero, then the ACK field must
contain an acknowledge absent sequence.
•
The third bit is the Read/Write bit (R/W). This bit indicates the direction of the data in
a frame.
–
If set to zero it is a "write" message, i.e. data transmitted by one module to
be received by another module.
–
If it is set to one it implies a "read" message, i.e., a request that another
module should transmit data to be received by the one that requested the
data (reply request message).
•
Last in the command field is the Remote Transmission Request bit (RTR). This bit is
a logical zero if the frame contains data and a logical one if the frame does not
contain data. In order to conform with the standard a received frame included the
combination R/W. RTR = 01 is ignored without any IT generation.
All the bits in the command field are automatically handled by the TSS461C, so the user
doesn’t need to be concerned for encoding and decoding these bits. The command bits
transmitted on the VAN bus are calculated from the current status of the active
message.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com