Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS461C Datasheet(PDF) 24 Page - ATMEL Corporation

Part # TSS461C
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461C Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button TSS461C Datasheet HTML 20Page - ATMEL Corporation TSS461C Datasheet HTML 21Page - ATMEL Corporation TSS461C Datasheet HTML 22Page - ATMEL Corporation TSS461C Datasheet HTML 23Page - ATMEL Corporation TSS461C Datasheet HTML 24Page - ATMEL Corporation TSS461C Datasheet HTML 25Page - ATMEL Corporation TSS461C Datasheet HTML 26Page - ATMEL Corporation TSS461C Datasheet HTML 27Page - ATMEL Corporation TSS461C Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
24
TSS461C
4193G–AUTO–12/04
Control and Status
Registers
Line Control Register (0x00)
•
Read/write register.
•
Default value after reset: 0y00
•
reserved: Bit 2, this bit cannot be set by the user; a 0 must always be written to this
bit.
CD[3:0] Clock Divider
They control the VAN Bus rate through a Baud Rate generator according to the follow-
ing formula:
PC Pulsed CodeOne
The TSS461C will transmit and receive data using the pulsed coding mode (i.e optical
or radio link mode). The use of this mode implies communication via the RXD0 input
and the non-functionality of the diagnosis system.
Zero: (Default at Reset). The TSS461C will transmit and receive data using the
Enhanced Manchester code (RXD0, RXD1, RXD2).
IVTX
Invert TXD output.
IVRX
Invert RXD inputs.The user can invert the logical levels used on either the TXD output or
the RXD inputs in order to adapt to different line drivers and receivers.
One: A one on either of these bits will invert the respective signals.
Zero: (Default at Reset). The TSS461C will set TXD to recessive state in Idle mode and
consider the bus free (recessive states on RXD inputs).
Transmit Control Register
(0x01)
•
Read/Write register
•
Default value after reset: 0x02
7654
3210
MR3
MR2
MR1
MR0
VER2
VER1
VER0
MT
F
TSCLK
F
XTAL1
n
16
×
------------------
=
7654
3210
MR3
MR2
MR1
MR0
VER2
VER1
VER0
MT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com