Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS461C Datasheet(PDF) 51 Page - ATMEL Corporation

Part # TSS461C
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461C Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button TSS461C Datasheet HTML 47Page - ATMEL Corporation TSS461C Datasheet HTML 48Page - ATMEL Corporation TSS461C Datasheet HTML 49Page - ATMEL Corporation TSS461C Datasheet HTML 50Page - ATMEL Corporation TSS461C Datasheet HTML 51Page - ATMEL Corporation TSS461C Datasheet HTML 52Page - ATMEL Corporation TSS461C Datasheet HTML 53Page - ATMEL Corporation TSS461C Datasheet HTML 54Page - ATMEL Corporation TSS461C Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 57 page
background image
51
TSS461C
4193G–AUTO–12/04
Electrical Characteristics
Absolute Maximum Ratings
DC Characteristics
T
A = -40°C to 125°C; VCC = 5V ± 10%; VSS = 0V
Ambient temperature under Bias:
A = Automotive .................................................-40°C to 125°C
Storage Temperature ........................................-65°C to 150°C
Voltage on V
CC to VSS .......................................... -0.5 to +7.0V
Voltage on any Pin to V
SS ........................ -0.5V to VCC + 0.5V
Note:
Stresses at or above those listed under "Absolute
Maximum Ratings" may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions exceeding those indicated in the operational
sections of this specification is not implied. Exposure
to absolute maximum rating conditions may affect
device reliability.
Symbol
Parameter
Min
Max
Type
Test Conditions
V
IL
Input Low Voltage (except RESET and
XTAL1)
-0.5
0.8
V
VIH
Input High Voltage (except RESET and
XTAL1)
2.0
VCC+0.5
V
V
IL1
Input Low Voltage (RESET and XTAL1)
-0.5
0.3·V
CC
V
See Figure 2
V
IH1
Input High Voltage (RESET and XTAL1)
0.7 V
CC
V
CC+0.5
V
V
OL
Output Low Voltage
0.4
V
I
OL = 3.2 mA, VCC min
V
OH
Output High Voltage
2.4
I
OH = -3.2 mA, VCC min
I
L
Input Leakage Current
+5
µA0 < V
IN < VCC
R
PD
Input Pull-down Resistor
110
k
Ω
0 < V
IN < VCC
C
IO
I/O Buffer Capacitance
10
pF
Not tested
I
CCSB
Power Supply Current
Sleep Mode
50
µA(Note 1)
I
CCOP
Power Supply Current
Idle or Active Mode
4
15
mA
mA
(Notes 2, 4)
(Notes 3, 4)
Notes:
1. Sleep Mode I
CCSB is measured according to Figure 31 with a VSS Clock Signal.
2. Active mode I
CCOP is measured at: XTAL = 1 MHz clock, VAN speed rate = 62.5 KTS/s.
3. Active mode ICCOP is measured at: XTAL = 16 MHz clock, VAN speed rate = 250 KTS/s.
4. I
CC is a function of the Clock Frequency. Figure 32 displays a graph showing ICC versus Clock frequency.
5. RESET, RxD0, RxD1, RxD2 inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com