Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS461C Datasheet(PDF) 26 Page - ATMEL Corporation

Part # TSS461C
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461C Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button TSS461C Datasheet HTML 22Page - ATMEL Corporation TSS461C Datasheet HTML 23Page - ATMEL Corporation TSS461C Datasheet HTML 24Page - ATMEL Corporation TSS461C Datasheet HTML 25Page - ATMEL Corporation TSS461C Datasheet HTML 26Page - ATMEL Corporation TSS461C Datasheet HTML 27Page - ATMEL Corporation TSS461C Datasheet HTML 28Page - ATMEL Corporation TSS461C Datasheet HTML 29Page - ATMEL Corporation TSS461C Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
26
TSS461C
4193G–AUTO–12/04
The diagnosis is discussed in detail in Section “Diagnosis States”.
•
In its four high order bits the user can program the SDC rate SDC [3:0]
•
In its two medium order bits the diagnosis system mode is controlled: M1, M0
•
In the two low order bits, the user controls if the SDC and TIP are to be generated
automatically ETIP, ESDC
SDC [3:0]: SDC Divider
The input clock is the times lot clock.
Table 6. System Diagnosis Clock Divider
Ma, Mb: Operating Mode
Command Bits
Table 7. Diagnosis System Command Bits
ETIP: Enable Transmission In
Progress
One: Enable TIP generation
Zero: Disable TIP generation.
SDC Divider SDC [3:0]
Divide By
0000
64
0001
128
0010
256
0011
512
0100
1024
0101
2048
0110
4096
0111
8192
1000
16384
1001
32768
1010
65536
1011
131072
1100
262144
1101
524288
1110
1048576
1111
2097152
Ma
Mb
0
0
Forces the Communication on RxD0 (differential)
0
1
Forces the Communication on RxD2 (DATA)
1
0
Forces the Communication on RxD1 (DATA)
1
1
Automatic selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com