Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS461C Datasheet(PDF) 27 Page - ATMEL Corporation

Part # TSS461C
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461C Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button TSS461C Datasheet HTML 23Page - ATMEL Corporation TSS461C Datasheet HTML 24Page - ATMEL Corporation TSS461C Datasheet HTML 25Page - ATMEL Corporation TSS461C Datasheet HTML 26Page - ATMEL Corporation TSS461C Datasheet HTML 27Page - ATMEL Corporation TSS461C Datasheet HTML 28Page - ATMEL Corporation TSS461C Datasheet HTML 29Page - ATMEL Corporation TSS461C Datasheet HTML 30Page - ATMEL Corporation TSS461C Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
27
TSS461C
4193G–AUTO–12/04
•
The Transmission In Progress (TIP) tells the diagnostic system to enable
transmission diagnosis.
ESDC: Enable System
Diagnosis Clock
One: Enable SDC divider.
Zero: Disable SDC divider.
•
The Synchronous Diagnosis Clock (SDC) controls the cycle time of the
synchronous diagnosis.
Command Register (0x03)
•
Write only register.
•
Reserved: Bit 1, 2. These bits cannot be set by the user; a zero must always be
written to these bit.
•
If the circuit is operating at low bit rates, there might be a considerable delay
between the writing of this register and the performing of the actual command (worst
case 6 timeslots). The user must verify, by reading the Line Status Register (0x04),
that the commands have been performed.
GRES: General Reset
The Reset circuit command bit performs, if set, exactly as if the external reset pin was
asserted. This command bit has its own auto-reset circuitry.
One: Reset active
Zero: Reset inactive
SLEEP: Sleep Command
If the user sets the Sleep bit, the circuit will enter sleep mode. When the circuit
is
in
sleep mode, all non-user registers are setup to minimize power consumption and the
oscillator is stopped. To exit from this mode, the user must set either the idle or activate
commands.
One: Sleep active
Zero: Sleep inactive
7654321
0
GRES
SLEEP
IDLE
ACTI
REAR
0
0
MSDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com