Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS461C Datasheet(PDF) 47 Page - ATMEL Corporation

Part # TSS461C
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461C Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button TSS461C Datasheet HTML 43Page - ATMEL Corporation TSS461C Datasheet HTML 44Page - ATMEL Corporation TSS461C Datasheet HTML 45Page - ATMEL Corporation TSS461C Datasheet HTML 46Page - ATMEL Corporation TSS461C Datasheet HTML 47Page - ATMEL Corporation TSS461C Datasheet HTML 48Page - ATMEL Corporation TSS461C Datasheet HTML 49Page - ATMEL Corporation TSS461C Datasheet HTML 50Page - ATMEL Corporation TSS461C Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
47
TSS461C
4193G–AUTO–12/04
Figure 26. Idle and Rearbitrate Example
If the user sets the idle bit anywhere (after rearbitrate), the idle mode is entered only at
the end of all the transmit attempts (for more information about idle command, see
Section “Activate, Idle and Sleep Modes”).
Disable Channel After
Rearbitrate
Figure 27. Disable Channel After Rearbitrate Example
Note:
1. In this case, the TSS461C completes the current attempt (Ch8) and lets the transmission go to the new channel (Ch5 if val-
idated); otherwise, it stops all attempts on the current channel.
EOF+IFS
Idle
Delay
Delay
Delay
V
iol
Viol
Viol
EOF+IFS: 8 + 4 Timeslots
Delay Viol: 12 Timeslots
* (not seen by application means no IT generation)
Set CHTx/Ch5 & ITTOK
Set CHER & CHTx /Ch5,
Ex: setACKE status bit
stand-by
Second attempt Xmit Ch5
Ex: ACK Error
(not seen by application)
(Retries - 1)
EOF+IFS
stand-by
(1) The disable is applied setting the CHTx/Ch8 bit to 1.
and set ITTE
KO
OK
Delay
Delay
Delay
Viol
Viol
Viol
EOF+IFS: 8 + 4 Timeslots
Delay Viol: 12 Timeslots



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com