Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS461C Datasheet(PDF) 29 Page - ATMEL Corporation

Part # TSS461C
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461C Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button TSS461C Datasheet HTML 25Page - ATMEL Corporation TSS461C Datasheet HTML 26Page - ATMEL Corporation TSS461C Datasheet HTML 27Page - ATMEL Corporation TSS461C Datasheet HTML 28Page - ATMEL Corporation TSS461C Datasheet HTML 29Page - ATMEL Corporation TSS461C Datasheet HTML 30Page - ATMEL Corporation TSS461C Datasheet HTML 31Page - ATMEL Corporation TSS461C Datasheet HTML 32Page - ATMEL Corporation TSS461C Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
29
TSS461C
4193G–AUTO–12/04
Table 8. Diagnosis System Status Bits
•
Sc: As soon as one of the three inputs (RXD2, RXD1, RXD0) differs from the others
in the input comparison analysis perform by the diagnosis system, S2 is set.
The only way to reset this status bit is through the RI signal or a general reset.
TXG: Transmitting
If this status bit is active, it indicates that the TSS461C has chosen an identifier to trans-
mit, and it will continue to make transmission attempts for this message until it succeeds
or the retry count is exceeded.
RXG: Receiving
The receiving indicates that there is activity on the bus.
Note:
For safe modification of active channel registers both bits should be inactive (except
"abort" command).
Transmission Status Register
(0x05)
•
Read only register.
•
Default value after reset: 0x00.
•
The transmission Status register contains the number of retries made up-to-date,
according to Table 3, and the channel currently in transmission.
NRT [3:0]: Number of Retries
Done in Transmission
IDT [3:0]: Channel Number
Currently in Transmission
Last Message Status Register
(0x06)
•
Read only register.
•
Default value after reset: 0x00.
•
This register is the same as the transmission status register. It contains the last
identifier number that was successfully transmitted, received or exceeded its retry
count.
If it was a successful transmission, the number of retries performed can be seen in
this register as well.
Sb
Sa
Communication Indication
0
0
Nominal mode, differential communication
0
1
Degraded over DATA, fault on DATA
1
0
Degraded over DATA, fault on DATA
1
1
Major error, fault on DATA and DATA
7654321
0
NRT3
NRT2
NRT1
NRT0
IDT3
IDT2
IDT1
IDT0
7654321
0
NRTR3
NRTR2
NRTR1
NRTR0
IDTR3
IDTR2
IDTR1
IDTR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com