Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS461C Datasheet(PDF) 5 Page - ATMEL Corporation

Part # TSS461C
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461C Datasheet(HTML) 5 Page - ATMEL Corporation

  TSS461C Datasheet HTML 1Page - ATMEL Corporation TSS461C Datasheet HTML 2Page - ATMEL Corporation TSS461C Datasheet HTML 3Page - ATMEL Corporation TSS461C Datasheet HTML 4Page - ATMEL Corporation TSS461C Datasheet HTML 5Page - ATMEL Corporation TSS461C Datasheet HTML 6Page - ATMEL Corporation TSS461C Datasheet HTML 7Page - ATMEL Corporation TSS461C Datasheet HTML 8Page - ATMEL Corporation TSS461C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
5
TSS461C
4193G–AUTO–12/04
Operation
The TSS461C is a microprocessor-controlled line controller for the VAN bus. It can inter-
face to virtually any microprocessor, but the I/O signals of the circuit have been
optimized to use with the TSC51/TSC251 series of microcontrollers.
It features a multiplexed address and data bus, controlled by an address strobe pin ALE
and separated read RD and write WR command pins. The address is latched on the fall-
ing edge of ALE.
The circuit also features one single interrupt pin. This pin can be treated as level or edge
sensitive, For example, if there is a pending interrupt inside the circuit when another
interrupt is reset, the INT pin will emit a high pulse with the same pulse width as the
internal write strobe (typically 20 ns).
Figure 1. Typical Application
Remaining Pins
TSS461C
Microcontroller
Series
P3.6/WR
P3.7/RD
ALE
P0.7
P0.6
P0.5
P0.4
P0.3
P0.2
P0.1
P0.0
WR
RD
ALE
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
XTAL1
XTAL2
TXD
RXD0
RXD1
RXD2
CS
VAN
DLC
INT CKOUT RESET
RESET XTAL1 INT
V
CC
33 pF
C1
GND
GND
+
-
+
-
+
-
V
REF
DATA
DATA
Differential
VAN Bus
VAN Line Driver
& Receivers
General I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com