Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS461C Datasheet(PDF) 53 Page - ATMEL Corporation

Part # TSS461C
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461C Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button TSS461C Datasheet HTML 49Page - ATMEL Corporation TSS461C Datasheet HTML 50Page - ATMEL Corporation TSS461C Datasheet HTML 51Page - ATMEL Corporation TSS461C Datasheet HTML 52Page - ATMEL Corporation TSS461C Datasheet HTML 53Page - ATMEL Corporation TSS461C Datasheet HTML 54Page - ATMEL Corporation TSS461C Datasheet HTML 55Page - ATMEL Corporation TSS461C Datasheet HTML 56Page - ATMEL Corporation TSS461C Datasheet HTML 57Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 53 / 57 page
background image
53
TSS461C
4193G–AUTO–12/04
AC Characteristics
Microprocessor Interface
TA = -40°C to 125°C; VCC = 5V ± 10%; VSS = 0V
Symbol
Characteristic
Min
Max
Unit
TRESET
RESET High Pulse Width (For Power-up Reset)
15
ns
1TLHLL
ALE High Pulse Width
10
ns
2TAVLL
Address Valid to ALE Low Setup Time
10
ns
3TLLAX
ALE Low to Address Invalid Hold Time
10
ns
4TAVWL
Address Valid to Command Active Time
20
ns
5TDVWH
Data Valid to Write Inactive Setup Time
10
ns
6
TWHDX
Write Inactive to Data Invalid Hold Time
12
ns
7TWHLH
Write Inactive to ALE High Recovery Time
20
ns
8TRLDV
Read Active to Data Valid Access Time
110
ns
9TRHDZ
Read Inactive to Data Float Time
20
ns
10
TWHRLIZ
Write Inactive or Read Active to IRQ Float Time
90
ns
11
TIZIL
IRQ Float Pulse Width
2
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com