Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS461C Datasheet(PDF) 38 Page - ATMEL Corporation

Part # TSS461C
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461C Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button TSS461C Datasheet HTML 34Page - ATMEL Corporation TSS461C Datasheet HTML 35Page - ATMEL Corporation TSS461C Datasheet HTML 36Page - ATMEL Corporation TSS461C Datasheet HTML 37Page - ATMEL Corporation TSS461C Datasheet HTML 38Page - ATMEL Corporation TSS461C Datasheet HTML 39Page - ATMEL Corporation TSS461C Datasheet HTML 40Page - ATMEL Corporation TSS461C Datasheet HTML 41Page - ATMEL Corporation TSS461C Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
38
TSS461C
4193G–AUTO–12/04
CHRx: Channel Received and
Receive Enable Command
The two low order bits of this register contain the message status. Together
with
the
RNW and RTR bits of the command register (base_address + 0x01), they define the
message type of this channel (seeSection “Messages Types”). As a general rule (see
Section “Abort”), the status bits are only set by the TSS461C, so the user must reset
them to perform a transmission (CHTx) or/and a reception (CHRx). The received and
transmitted bits are only set if the corresponding frame is without errors or if the retry
count has been exceeded.
Identifier Mask Registers
The Identifier Mask registers (base_address + 0x06 and base_address + 0x07) allow
bitwise masking of the comparison between the identifier received and the identifier
specified.
•
Read/Write registers
ID_M [11:0]: Identifier Mask
A value of 1 indicates comparison enabled.
A value of 0 indicates comparison disabled.
7654321
0
ID_M 3
ID_M 2
ID_M 1
ID_M 0
xxxx
7654321
0
ID_M 11
ID_M 10
ID_M 9
ID_M 8
ID_M 7
ID_M 6
ID_M 5
ID_M 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com