Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS461C Datasheet(PDF) 1 Page - ATMEL Corporation

Part # TSS461C
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461C Datasheet(HTML) 1 Page - ATMEL Corporation

  TSS461C Datasheet HTML 1Page - ATMEL Corporation TSS461C Datasheet HTML 2Page - ATMEL Corporation TSS461C Datasheet HTML 3Page - ATMEL Corporation TSS461C Datasheet HTML 4Page - ATMEL Corporation TSS461C Datasheet HTML 5Page - ATMEL Corporation TSS461C Datasheet HTML 6Page - ATMEL Corporation TSS461C Datasheet HTML 7Page - ATMEL Corporation TSS461C Datasheet HTML 8Page - ATMEL Corporation TSS461C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
1
4193G–AUTO–12/04
Features
• Fully Compliant to VAN Specification ISO/11519-3
• Handles All Specified Module Types
• Handles All Specified Message Types
• Handles Retransmission of Frames on Contention and Errors
• 3 Separate Line Inputs with Automatic Diagnosis and Selection
• 1 Mbit/s Maximum Transfer Rate
• Normal or Pulsed (Optical and Radio Mode) Coding
• Intel®, NEC®, Texas Instruments® and Motorola® Compatible 8-bit Microprocessor
Interface
• Multiplexed Address and Data Bus
• Idle and Sleep Modes
• 128 Bytes of General-purpose RAM
• DMA Capabilities for Message Handling
• 14 Identifier Registers with All Bits Individually Maskable
• 6-source Maskable Interrupt, Including an Interrupt-on-reset to Detect Glitches on the
Reset Pin
• Integrated Crystal or Resonator Oscillator with Internal Baud Rate Generator and
Buffered Clock Output
• Single +5V Power Supply
• 0.8 µm CMOS Technology
• SO24 Package
Description
Cost optimization in car manufacturing is of extreme importance today. Solutions to
this problem often implies the use of more advanced and intelligent electronic circuits.
The TSS461C is a circuit which allows the transfer of all the status information needed
in a car or truck over a single low-cost wire pair, that minimizes the electrical wire
usage.
It can be used to interconnect powerful functions (ABS, dashboard, power train con-
trol) and to control and interface car body electronics (lights, wipers, power window,
etc.).
The TSS461C is fully compliant with the ISO Standard 11519-3. This standard sup-
ports a wide range of applications such as low-cost remote-control switches. Typically
it is used for lamp control; complex, highly-autonomous, distributed systems like
engine controls, which require fast and secure data transfers.
The TSS461C is a microprocessor-interfaced line controller for mid-to-high complexity
bus-masters and listeners like injection/ignition control calculators, dashboard control-
lers and car stereo or mobile telephone CPUs.
The microprocessor interface consists of a 256-bytes of RAM and a register area
divided into 11 control registers, 14 channel register sets and 128 bytes of general
purpose RAM, used as a message storage area, and a 6-source maskable interrupt.
The circuit operates in RAM using DMA techniques, controlled by the channel and
control registers. This allows virtually any microprocessor to interface with ease to the
TSS461C, and to use the free RAM as a scratch pad.
Messages are encoded in enhanced Manchester code, and an optional pulsed code
for use with an optical or radio link, at a maximum bit rate of 1 Mbit/s. The TSS461C
analyzes the messages received or transmitted according to 6 different criteria includ-
ing some higher level checks.
In addition, the bus interface has three separate inputs with automatic source diagno-
sis and selection, that allows for multibus listening or the automatic selection of the
most reliable source at any time if several line receivers are connected to the same
bus.
VAN Data Link
Controller
TSS461C


Similar Part No. - TSS461C

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSS461C TEMIC-TSS461C Datasheet
215Kb / 24P
Van Controller Serial Interface
TSS461C TEMIC-TSS461C Datasheet
217Kb / 24P
Van Controller Serial Interface
TSS461CVAN TEMIC-TSS461CVAN Datasheet
215Kb / 24P
Van Controller Serial Interface
More results

Similar Description - TSS461C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSS461E ATMEL-TSS461E Datasheet
817Kb / 57P
VAN Data Link Controller
TSS463B ATMEL-TSS463B Datasheet
512Kb / 59P
VAN Data Link Controller with Serial Interface
TSS463-AA ATMEL-TSS463-AA_04 Datasheet
1Mb / 60P
VAN Data Link Controller with Serial Interface
TSS463C ATMEL-TSS463C Datasheet
701Kb / 59P
VAN Data Link Controller with Serial Interface
TSS461F ATMEL-TSS461F Datasheet
606Kb / 57P
VAN Data Link Controller
TSS463B ATMEL-TSS463B_03 Datasheet
1Mb / 24P
Serial VAN Data Link Controller
TSS463B ATMEL-TSS463B_04 Datasheet
954Kb / 59P
VAN Data Link Controller with Serial Interface
TSS461E ATMEL-TSS461E_06 Datasheet
606Kb / 57P
VAN Data Link Controller
logo
LANSDALE Semiconductor ...
ML145488 LANSDALE-ML145488 Datasheet
200Kb / 12P
Dual Data Link Controller
logo
Motorola, Inc
MC6854 MOTOROLA-MC6854 Datasheet
2Mb / 22P
ADVANCED DATA-LINK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com