Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS461C Datasheet(PDF) 20 Page - ATMEL Corporation

Part # TSS461C
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461C Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button TSS461C Datasheet HTML 16Page - ATMEL Corporation TSS461C Datasheet HTML 17Page - ATMEL Corporation TSS461C Datasheet HTML 18Page - ATMEL Corporation TSS461C Datasheet HTML 19Page - ATMEL Corporation TSS461C Datasheet HTML 20Page - ATMEL Corporation TSS461C Datasheet HTML 21Page - ATMEL Corporation TSS461C Datasheet HTML 22Page - ATMEL Corporation TSS461C Datasheet HTML 23Page - ATMEL Corporation TSS461C Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
20
TSS461C
4193G–AUTO–12/04
Status bits give permanent information on the diagnosis performed, whatever the pro-
grammed operating mode. This is encoded over three bits: Sa, Sb and Sc. Sa and Sb
bits indicate the four possible states of the VAN bus.
Table 3. Status Bits Sa and Sb
Notes:
1. Sc bit sets to 1 as soon as one of the three inputs (RXD2, RXD1, RXD0) differs from
the others in the input comparison analysis performed by the diagnosis system, S2 is
set.
2. The only way to reset this status bit is through the RI signal or a general reset.
Internal Operations
Digital Filtering
If several spurious pulses occur during one bit, the diagnosis for defective conductor
may occur. To avoid such errors, digital filters are implemented.
Filtering operation is based on sampling of the comparator output signals. A transition is
taken into account only if it is observed over five samples (1/16th of timeslot).
Transition Analyses
These analyses are continuously done on the effective edges on comparators after digi-
tal filtering.
•
Asynchronous diagnosis:
The asynchronous diagnosis is done by comparing the number of edges on DATA
and DATA.
If four edges are detected on one input and no edges on the other during the same
period, the second input is considered faulty and the diagnosis mode will change to
one of the degraded modes.
•
Synchronous diagnosis:
The synchronous diagnosis counts the number of edges on the data input
connected to the reception logic during one SDC period.
Sa
Sb
Communication
0
0
Mode
Nominal
Fault
No fault on VAN bus
Status
Differential communication DATA and DATA
0
1
Mode
Degraded on DATA
Fault
Fault on DATA
Status
Communication on DATA
1
0
Mode
Degraded on DATA
Fault
Fault on DATA
Status
Communication on DATA
1
1
Mode
Major error
Fault
Fault on DATA and DATA
Status
No communication on DATA and DATA (attempt to
communicate alternatively on DATA then DATA every
SDC period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com