Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS461C Datasheet(PDF) 30 Page - ATMEL Corporation

Part # TSS461C
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461C Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button TSS461C Datasheet HTML 26Page - ATMEL Corporation TSS461C Datasheet HTML 27Page - ATMEL Corporation TSS461C Datasheet HTML 28Page - ATMEL Corporation TSS461C Datasheet HTML 29Page - ATMEL Corporation TSS461C Datasheet HTML 30Page - ATMEL Corporation TSS461C Datasheet HTML 31Page - ATMEL Corporation TSS461C Datasheet HTML 32Page - ATMEL Corporation TSS461C Datasheet HTML 33Page - ATMEL Corporation TSS461C Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
30
TSS461C
4193G–AUTO–12/04
NRTR [3:0]:
Number of retries done successfully in transmission. In case of reception NRTR[3:0] is
undefined.
IDTR [3:0]:
Channel number that was successfully transmitted, received or exceeded its retry count.
Last Error Status Register
(0x07)
•
Read only register.
•
Default value after reset: 0
×00.
•
The Last Error Status Register contains the error code for the last transmission or
reception attempt. It is updated after each attempt, i.e. several error codes can be
reported during one single transmission (with several retries).
BOC: Buffer Occupied
•
When one channel configured in “Reply request” mode has its “received” bit set
when it attempts to transmit its request.
•
BOC with the link capability between two channels sharing the same received buffer
is set when one channel has already set its “received” bit in its “Message length and
status Channel register” and a receive is attempted on the other one.
BOV: Buffer Overflow
BOV indicates that the buffer length setup in the Channel Status Register was shorter
than the number of bytes received plus 1, therefore, some data got lost.
One: BOV active
Zero: BOV inactive
FCSE: Framing Check
Sequence Error
FCSE indicates a mismatch between the FCS received and the FCS calculated
One: FCSE active
Zero: FCSE inactive
ACKE: Acknowledge Error
ACKE indicates a physical violation or collision on ACK field of the frame when the
TSS463 is produced.
One: ACKE active
Zero: ACKE inactive
7654
3210
x
BOC
BOV
x
FCSE
ACKE
CV
FV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com