Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS461C Datasheet(PDF) 46 Page - ATMEL Corporation

Part # TSS461C
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461C Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button TSS461C Datasheet HTML 42Page - ATMEL Corporation TSS461C Datasheet HTML 43Page - ATMEL Corporation TSS461C Datasheet HTML 44Page - ATMEL Corporation TSS461C Datasheet HTML 45Page - ATMEL Corporation TSS461C Datasheet HTML 46Page - ATMEL Corporation TSS461C Datasheet HTML 47Page - ATMEL Corporation TSS461C Datasheet HTML 48Page - ATMEL Corporation TSS461C Datasheet HTML 49Page - ATMEL Corporation TSS461C Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
46
TSS461C
4193G–AUTO–12/04
The Last Error Status Register (0x07) informs about the trouble encountered:
•
Failure cases:
–
Code viol (CV error bit)
–
Acknowledge error (ACKE error bit)
–
CRC error (FCSE error bit)
•
It should be noticed that contention is considered as normal CSMA/CD protocol
and, therefore, is not taken into account in failure cases. So, an “infinite” number of
attempts can be performed if bus contention occurs continuously.
There is only one retry counter for all channels. When the user writes the Max_Retries
value, all channels start their transmission with this parameter.
Rearbitrate
The purpose of rearbitrate feature is to postpone a channel already in transmission in
order to authorize an higher priority (see Section “Priority Among the Different Chan-
nels”) message to be transmit.
Typical Example
•
Max_retries = 1 (2 transmissions attempts).
•
If Ch8 is in a the retry loop and the user wants to transmit the Ch5 without waiting
the end of the loop, the user can use the rearbitrate command.
•
Then, the TSS461C will wait the end of the current transmission, reload the retries
counter and enable the Ch5 to transmit.
•
At the end of this transmission Ch5, either when the attempt is successful or either
when the exceeded retry count is reached, the retries counter is reloaded and the
transmission is activated for the Ch8 again.
Figure 25. Rearbitrate Example
VCC
VCC
EOF+IFS
Delay
stand-by
Delay
Delay
V iol
Viol
Viol
EOF+IFS: 8 + 4 Timeslots
Delay Viol: 12 Timeslots
* (not seen by application means no IT generation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com