Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS461C Datasheet(PDF) 45 Page - ATMEL Corporation

Part # TSS461C
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461C Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button TSS461C Datasheet HTML 41Page - ATMEL Corporation TSS461C Datasheet HTML 42Page - ATMEL Corporation TSS461C Datasheet HTML 43Page - ATMEL Corporation TSS461C Datasheet HTML 44Page - ATMEL Corporation TSS461C Datasheet HTML 45Page - ATMEL Corporation TSS461C Datasheet HTML 46Page - ATMEL Corporation TSS461C Datasheet HTML 47Page - ATMEL Corporation TSS461C Datasheet HTML 48Page - ATMEL Corporation TSS461C Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
45
TSS461C
4193G–AUTO–12/04
Retries, Rearbitrate
and Abort
Retries and rearbitrate commands are located, in the Transmit Control Register and in
the Command Register, respectively. An abort command is located in each channel reg-
ister set, in the Message Length & Status Register (base_address + 0x03). These three
commands are available only when the TSS461C is producer.
Figure 24. Transmit Function
Retries
The purpose of retries feature is to provide, the capability of retrying a transmit request
in case of failure, when a node tries to reach another node, either on normal DATA
frame or on REPLY REQUEST frame.
The maximum number of retries is programmable through MR[3:0] of the Transmit Con-
trol Register (0x01). When a channel is enable – bit CHTx = 0 of Message Length &
Status Register, a 4-bit counter is loaded with MR[3:0]. At each attempt, this counter will
be countdown. To 0, an IT TE is set in the Interrupt Status Register (0x09), and the
transmission is stopped.
MR[3:0] = 1 indicates 1 retry, hence 2 transmission attempts will be performed (see
Table 4). The number of retries performed, as well as the current channel number asso-
ciated, can be read in the Transmission Status Register (0x05).
Activate
Ch. Enabled in
Xmit Mode?
no
Select the lowest
Ch. number and
load”Max - retries”
yes
Abort activated
on current Ch.?
yes
Disable of
current Ch.
no
Wait for bus free
(EOF+IFS= 12 Timeslots)
Retry needed?
abort
no
no
Abort required
rearbitrate?
on current Ch.
rearbitrate
yes
Transmit frame
and wait for the end
Decrement
retry counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com