Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS461C Datasheet(PDF) 21 Page - ATMEL Corporation

Part # TSS461C
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461C Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button TSS461C Datasheet HTML 17Page - ATMEL Corporation TSS461C Datasheet HTML 18Page - ATMEL Corporation TSS461C Datasheet HTML 19Page - ATMEL Corporation TSS461C Datasheet HTML 20Page - ATMEL Corporation TSS461C Datasheet HTML 21Page - ATMEL Corporation TSS461C Datasheet HTML 22Page - ATMEL Corporation TSS461C Datasheet HTML 23Page - ATMEL Corporation TSS461C Datasheet HTML 24Page - ATMEL Corporation TSS461C Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
21
TSS461C
4193G–AUTO–12/04
If there are less than four edges during one SDC period, the diagnosis mode will
change to the major error mode.
•
Transmission diagnosis:
The transmission compares RxD1 and RxD2 inputs (through the input comparators
and the filters) with the data transmitted on TxD output.
At a time when the transmission logic generates a dominant (recessive transition),
the inputs can give different values. Taking into account the filtering delay, the bus
line seen as dominant is assumed to be correct, the other one, recessive, is
considered faulty. The diagnosis mode is changed to reflect that.
•
Protocol fault:
The protocol fault is detected by counting the number of consecutive dominant
timeslots.
If eight consecutive timeslots are dominant, the diagnosis mode will change to the
major error mode.
Generation of Internal
Signals
RI Signal (Return to Idle)
This signal is used to return to nominal mode in the three specified selection modes (see
Section “Diagnosis States” and Section “Programming Modes”). The RI signal is dis-
abled in automatic selection mode.
The RI signal is a pulse generated when an EOF is detected. So, at the end of each
frame, regarding the diagnosis status bit Sa, Sb & Sc, the user can select its own
choice.
SDC Signal (Synchronous
Diagnosis Clock)
This time base is used by diagnosis system in automatic selection mode (see
Section “Programming Modes”) when no event is recorded on the bus.
The SDC is generated either by a special SDC divider connected to the timeslot clock,
or manually. The SDC clock period must be longer compared to the timeslot duration.
A typical SDC period should be greater than the maximum frame length appearing on
the VAN network.
TIP Signal (Transmission in
Progress)
This signal must be enabled to allow the transmission diagnosis (see Section “Transition
Analyses”).
The TIP turns on synchronously at the beginning of the transmission:
•
For asynchronous bus access, the beginning of SOF;
•
For synchronous bus access, the beginning of the identifier field; and
•
For a request of in frame reply, the RTR bit of the command field.
The TIP turns off synchronously at the end of the transmission:
•after EOF;
•
after a losing of arbitration or a code violation detection; and
•
for a requester of in frame reply, when the arbitration is lost on RTR the bit.
This signal is not generated when the transmission logic only sends an ACK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com