Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 107 Page - Texas Instruments

Click here to check the latest version.
Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 107 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 103Page - Texas Instruments CC1010-RTY1 Datasheet HTML 104Page - Texas Instruments CC1010-RTY1 Datasheet HTML 105Page - Texas Instruments CC1010-RTY1 Datasheet HTML 106Page - Texas Instruments CC1010-RTY1 Datasheet HTML 107Page - Texas Instruments CC1010-RTY1 Datasheet HTML 108Page - Texas Instruments CC1010-RTY1 Datasheet HTML 109Page - Texas Instruments CC1010-RTY1 Datasheet HTML 110Page - Texas Instruments CC1010-RTY1 Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 152 page
background image
CC1010
SWRS047
Page 107 of 152
17.12 Frequency programming
RX mode:
f
LO (low-side)
f
LO (high-side)
f
RF
(Receive frequency)
f
IF
f
IF
TX mode:
f
RF
(Center frequency)
f
sep
f
0
(Lower FSK
frequency)
f
1
(Upper FSK
frequency)
f
vco
f
vco
Figure 33, Relation between fvco, fif, and LO frequency
The
frequency
synthesiser
(PLL)
is
controlled by the frequency word in the
configuration registers. There are two
frequency words, A and B, which can be
programmed to two different frequencies.
One of the frequency words can be used
for RX (local oscillator frequency) and
other for TX (transmitting frequency, f0).
This makes it possible to switch very fast
between RX mode and TX mode. They
can also be used for RX (or TX) on two
different channels. Selection of frequency
word A or B is performed by using the
RFMAIN.F_REG control bit.
The frequency word, FREQ, is 24 bits (3
bytes)
located
in
FREQ_2A:FREQ_1A:FREQ_0A
and
FREQ_2B:FREQ_1B:FREQ_0B for the A
and B word, respectively.
The FSK frequency separation (two times
the deviation), FSEP, is programmed in
the FSEP1:FSEP0 registers (11 bits).
The frequency word FREQ can be
calculated from:
16384
8192
+
+
=
TXDATA
FSEP
FREQ
f
f
ref
VCO
,
where TXDATA is 0 or 1 in transmit mode
depending
on
the
data
bit
to
be
transmitted. In receive mode TXDATA is
always 0.
The reference frequency fref is the crystal
oscillator clock divided by PLL.REFDIV, a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com