Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 111 Page - Texas Instruments

Click here to check the latest version.
Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 111 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 107Page - Texas Instruments CC1010-RTY1 Datasheet HTML 108Page - Texas Instruments CC1010-RTY1 Datasheet HTML 109Page - Texas Instruments CC1010-RTY1 Datasheet HTML 110Page - Texas Instruments CC1010-RTY1 Datasheet HTML 111Page - Texas Instruments CC1010-RTY1 Datasheet HTML 112Page - Texas Instruments CC1010-RTY1 Datasheet HTML 113Page - Texas Instruments CC1010-RTY1 Datasheet HTML 114Page - Texas Instruments CC1010-RTY1 Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 152 page
background image
CC1010
SWRS047
Page 111 of 152
17.14 Recommended Settings for ISM Frequencies
The recommended frequency synthesiser
settings for a few operating frequencies in
the popular ISM bands are shown in Table
35. These settings ensure optimum
configuration of the synthesiser in receive
mode for best sensitivity. For some
settings of the synthesiser (combinations
of
RF
frequencies
and
reference
frequency), the receiver sensitivity is
degraded.
The
performance
of
the
transmitter is not affected by the settings,
but recommended transmitter settings are
included for completeness. The FSK
frequency separation is set to 64 kHz. The
SmartRF
® Studio software can be used to
generate the optimised configuration data
as well. Also an application note (AN011)
and a spreadsheet are available from
Chipcon generating configuration data for
any frequency giving optimum sensitivity.
ISM
Frequency
[MHz]
Actual
frequency
[MHz]
Crystal
frequency
[MHz]
Low-side
/ high-
side
LO*
Reference
divider
REFDIV
[decimal]
Frequency
word
RX mode
FREQ
[decimal]
Frequency
word
RX mode
FREQ
[hex]
3,6864
low-side
3
4194304
400000
7.3728
6
4194304
400000
11.0592
9
4194304
400000
14.7456
12
4194304
400000
18.4320
15
4194304
400000
315
315.3372
22.1184
18
4194304
400000
3.6864
3
5767168
580000
7.3728
6
5767168
580000
11.0592
9
5767168
580000
14.7456
12
5767168
580000
18.4320
15
5767168
580000
433.3
433.302000
22.1184
Low-side
18
5767168
580000
3.6864
3
5775360
582000
7.3728
6
5775360
582000
11.0592
9
5775360
582000
14.7456
12
5775360
582000
18.4320
15
5775360
582000
433.9
433.916400
22.1184
Low-side
18
5775360
582000
3.6864
3
5783552
584000
7.3728
6
5783552
584000
11.0592
9
5783552
584000
14.7456
12
5783552
584000
18.4320
15
5783552
584000
434.5
434.530800
22.1184
Low-side
18
5783552
584000
3.6864
2
7708672
75A000
7.3728
4
7708672
75A000
11.0592
6
7708672
75A000
14.7456
8
7708672
75A000
18.4320
10
7708672
75A000
868.3
868.277200
22.1184
Low-side
12
7708672
75A000
3.6864
2
7716864
75C000
7.3728
4
7716864
75C000
11.0592
6
7716864
75C000
14.7456
8
7716864
75C000
18.4320
10
7716864
75C000
868.95
868.938800
22.1184
high-side
12
7716864
75C000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com