Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 110 Page - Texas Instruments

Click here to check the latest version.
Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 110 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 106Page - Texas Instruments CC1010-RTY1 Datasheet HTML 107Page - Texas Instruments CC1010-RTY1 Datasheet HTML 108Page - Texas Instruments CC1010-RTY1 Datasheet HTML 109Page - Texas Instruments CC1010-RTY1 Datasheet HTML 110Page - Texas Instruments CC1010-RTY1 Datasheet HTML 111Page - Texas Instruments CC1010-RTY1 Datasheet HTML 112Page - Texas Instruments CC1010-RTY1 Datasheet HTML 113Page - Texas Instruments CC1010-RTY1 Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 152 page
background image
CC1010
SWRS047
Page 110 of 152
17.13 Lock Indication
The frequency synthesis PLL has a lock
indicator, which can be read from the
LOCK register. LOCK_INSTANT is a single
sample of the phase difference between
the reference frequency and the divided
VCO frequency. This bit gives a lock
accuracy of > 25 %, depending on the
division ratio set by the FREQ registers. To
be used as a lock indicator, this bit must
be sampled over a period of time to
increase the accuracy.
Otherwise LOCK_CONTINUOUS should be
used.
It
is
a
filtered
version
of
LOCK_INSTANT, giving a lock accuracy of
99.3
%
with
PLL_LOCK_ACCURACY
cleared.
If lock is not achieved, the PLL should be
recalibrated as described on page 113.
LOCK (0xE4) - PLL Lock Register
Bit
Name
R/W
Reset value
Description
7:4
-
R0
0
Reserved, read as 0
3
PLL_LOCK_ACCURACY
R/W
0
0 : Sets Lock Threshold = 127, Reset Lock
Threshold = 111 for continuous lock.
Corresponds to a worst case accuracy of
99.3%
1 : Sets Lock Threshold = 31, Reset Lock
Threshold =15 for continuous lock.
Corresponds to a worst case accuracy of
97.2%
2
PLL_LOCK_LENGTH
R/W
0
0 : Normal PLL lock window
1 : Not used
1
LOCK_INSTANT
R
None
Status bit from Lock Detector. The result of
one sample of the lock window on the PLL
reference clock
0
LOCK_CONTINUOUS
R
None
Status bit from Lock Detector, set according
to the
PLL_LOCK_ACCURACY setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com