Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4351-2ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADA4351-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4351-2ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADA4351-2ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Data Sheet
ADA4351-2
THEORY OF OPERATION
analog.com
Rev. 0 | 24 of 36
For example, a 16-bit ADC with a 4.5 V reference has a 68.7 µV
step size. If RSH = 10 MΩ, for RF = 1 MΩ, the output-referred
offset is 100 µV × (1 + 1 MΩ/10 MΩ) = 110 µV, while the same
circuit with an RF = 1 kΩ has a 25°C maximum 100.01 µV of
output-referred offset. In both cases, the output-referred offset is
less than 2 codes indicating that the output error due to the offset
voltage is relatively fixed vs. the RF value. The ±0.85 µV/°C (−40°C
to +125°C) maximum leads to a 140 µV shift maximum over the full
−40°C to +125°C span, or a worst case of 2 codes.
Input Bias Current
Input bias current (IB) adds to the total output DC error if the
TIA gain (RF ) or +IN source resistance (RS) are large enough to
exceed this relatively small input offset voltage related error. These
input bias currents increase exponentially with TJ where operating
at <105°C is a typical constraint for improved accuracy. On the
inverting input, IB adds with switch off leakage current (IOFF) from
the inactive channel, refer to Figure 79, summing back from the
inactive feedback channel into the active channel. If the inactive
channel does not have a feedback resistor installed, ignore this
additive term. Adding the maximum ±50 pA switch off leakage to
the ±70 pA inverting input bias current (−40°C to +105°C) adds an
output error greater than the 100 µV maximum offset voltage error
for RF values > 100 µV/120 pA = 883 kΩ.
Figure 79. Error Currents in Switched Gain Transimpedance Amplifier
Similarly, the input bias current from the noninverting input (max-
imum 110 pA from −40°C to +125°C) has negligible impact on
the TIA circuit if the bias current induces error less than the 100
µV offset voltage error, which occurs when the sensor output
impedance (RS) is less than 100 µV/110 pA = 909 kΩ. When using
the ADA4351-2 to measure a high impedance voltage sensor at
the noninverting input, as shown in Figure 80, this may not be the
case. Instead, the input bias current results in a voltage error at the
noninverting input equal to the sensor output impedance times the
bias current. This voltage error adds to the input offset voltage error
and is gained up to the output by the noninverting signal gain of the
circuit (1 + RF/gain resistor (RG)).
Note that the contribution of the input bias current to the DC error
is normally a trivial design constraint, and in many cases, is usually
dominated by that of the offset voltage.
Figure 80. Using the ADA4351-2 to Measure a High Impedance Voltage
Output Sensor at the Noninverting Input
Typically for an amplifier with CMOS input devices, the input bias
current is dominated by the electrostatic discharge (ESD) protection
diodes. For the ADA4351-2, the input protection diodes are boot-
strapped to reduce the reverse-biased leakage of these protection
diodes that results in the specified low input bias current, as shown
in Figure 81.
Figure 81. Using Bootstrapped ESD Protection Diodes to Reduce Input Bias
Current
As temperature increases, the input bias current due to the ESD
protection diodes increases exponentially. The input bias current
for the inverting input ADA4351-2 is <70 pA up to 105°C at a 5
V supply. Using a 100 µV maximum input offset voltage, this error
term is less than VOS for RF < 1.42 MΩ. This maximum input bias
current increases to 100 pA over the full −40°C to 125°C range
adding more error to the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com