Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4351-2ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4351-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4351-2ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4351-2ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Data Sheet
ADA4351-2
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 8 of 36
Table 3. Absolute Maximum Ratings
Parameter
Rating
Voltage Between Any Two Pins
6 V
DVDD and AVDD to DVSS
−0.3 V to +6 V
DVDD, AVDD, and DVSS to AVSS
−0.3 V to +6 V
+IN and −IN Voltage
AVSS − 1 V to AVDD + 1 V
+IN and −IN Current
10 mA
SW0 and SW1 Voltage
AVSS − 0.3 V to AVDD + 0.3 V
SW SEL Voltage
DVSS − 0.3 V to DVDD + 0.3 V
SW SEL Current
10 mA
Op Amp Output Continuous Current
±20 mA1, electromigration limited
Switch Continuous Current
±20 mA1, electromigration limited
Temperature
Storage Range
−65°C to +150°C
Operating Range
−40°C to +125°C
Junction, TJ
150°C
Case, TC
260°C
1 Specified at 100°C. See the derating curve for temperatures beyond 100°C
(see Figure 4).
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to PCB design and operating
environment. Careful attention to PCB thermal design is required.
θJA is the natural convection junction-to-ambient thermal resistance
measured in a one cubic foot sealed enclosure.
Table 4. Thermal Resistance
Package Type
θJA
Unit
CP-16-32
91
°C/W
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation for the ADA4351-2 is limited
by the associated rise in TJ on the die. At approximately 150°C,
which is the glass transition temperature, the properties of the plas-
tic change. Even temporarily exceeding this temperature limit may
change the stresses the package exerts on the die, permanently
shifting the parametric performance of the ADA4351-2. Exceeding a
TJ of 175°C for an extended period can result in changes in the sili-
con devices, potentially causing degradation or loss of functionality.
The power dissipated in the package is the sum of the quiescent
power dissipation and the power dissipated in the die due to the
output load drive of the amplifier.
OUTPUT CURRENT DERATING CURVE
Figure 4. Maximum Output Current Derating Curve vs. Temperature
EXPLANATION OF TEST LEVELS
Table 5. Explanation of Test Levels
Test Level
Description
D
Definition
S
Design verification simulation
P
100% production tested
PF
Functionally checked during production test
CT
Characterized on tester
CB
Characterized on bench



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com