Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4351-2ACPZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADA4351-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4351-2ACPZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADA4351-2ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
Data Sheet
ADA4351-2
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 35 of 36
PCB LAYOUT
In high source impedance applications, the low input bias current of
the ADA4351-2 requires a clean PCB layout to minimize addition-
al leakage current into a high impedance signal node. A layout
recommendation for any PCB designed with this device is to strip
the conductor around the signal carrying trace as shown in Figure
98. This stripping makes it more difficult for leakage currents from
the PCB to couple into the signal path, causes output errors, and
minimizes parasitic capacitance at the inputs.
It is important to keep the high impedance signal path as short as
possible on the PCB. A node with high impedance is susceptible to
picking up any stray signals in the system; therefore, keeping the
path as short as possible reduces this effect. Additionally, the longer
the signal trace into the PCB (on the inverting input) the more stray
capacitance at the input of the device under test (DUT). A trace
capacitance as low as 5 pF can greatly impact board performance,
especially if the photodiode or current source used is around the
same order of magnitude of capacitance .
Other signals must be routed well away from the signal path, and
there must be no internal power planes under the high impedance
node. The best defense from coupling signals is shielding; however,
this increases capacitance in the area, which impacts the noise
gain of the PCB. Another method to decouple signals is distance,
which includes vertically (though layers of the PCB) as well as on
the surface of the PCB. The package of the ADA4351-2 aids with
this routing process because there is no exposed pad (EPAD) on
the back side of the package, eliminating the need for vias and
allowing routing on all layers of the PCB beneath the device. In
cases where the space is limited, the designer can cut slots in the
PCB around the high impedance input nodes to provide additional
isolation and to reduce the chance of contamination on the surface
of the PCB.
Figure 98. Example PCB Layout for Low Surface Leakage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com