Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4351-2ACPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADA4351-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4351-2ACPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADA4351-2ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
Data Sheet
ADA4351-2
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 31 of 36
mate output integrated noise contribution of 23.5 nV/√Hz ×
558 kHz−101 kHz=15.9µVRMS.
c. Then, from P1 to the final single-pole roll-off (fC) shown in
Figure 87 at GBP/(1 + CS/CF) there is a flat spot noise
integrating over a wide span. Here, the high frequency
noise gain (NGHI ) is 1 + 105.5 pF/19 pF = 6.55 to
give a single-pole roll-off at GBP/ NGHI = 8.5 MHz/6.55
= 1.3 MHz. Because the noise up to P1 has already
been integrated, the integration span for this 6.55 × 7.3
nV/√Hz = 47.8 nV/√Hz output spot noise due to this term is
1.57 × 1.3 MHz − 558 kHz,whichgivesa47.8
nV/√Hz × √1.48 MHz = 58.2 μV RMS term, which is by far
the most dominant term. Where possible, a post RC filter at
lower than the self-limited frequency can be used to reduce
this total integrated noise and reduce the spot noise voltage
shown in Figure 50.
Table 9 summarizes each of the separate integrated noise contribu-
tions and the total RMS of these to a combined integrated output
noise. The total output is formed by squaring each term, summing
those, and then taking the square root again. The percent of output
noise power contribution is the ratio of each term squared to the
total RMS noise voltage squared.
Clearly, the dominant term is the output spot noise that is integrated
from P1 to the 1.3 MHz f−3 dB. Note that reducing the integration
span using a lower frequency external RC filter, where possible,
can reduce the total integrated noise rapidly. This approximate
calculation of 62 μV RMS closely matches the example set up in
the Photodiode Circuit Design Wizard, where it reports a 69 μV
RMS total noise.
When the photodiode is reverse biased, there is a DC dark current,
IDARK, in the diode that adds a noise term given by
2q×IDARK.
If present, RMS this term with the input bias current noise term
before computing its RMS contribution to the output. Note that,
sometimes, these is also a relatively low shunt resistance across
the photodiode. To the extent that it is not >> RF, it may add a small
added noise term. If present, get its Johnson noise term and give
it a gain to the output equal to RF/RSH and apply the same noise
power bandwidth as used for the RF noise.
These calculations give an output RMS noise floor before any
signal current is considered. To combine its effects with a noise
source from an input signal, refer this output integrated noise back
to the input as an equivalent spot noise, which can be done by
dividing by the RF gain element, which gives the input referred
integrated noise. Then, divide the input referred RMS noise current
by the square root of the input current noise power bandwidth.
Making the calculation for the 62 μV RMS derived previously gives,
first, an input referred 4.1 nA RMS integrated input noise, and then
dividing by √877 kHz gives an equivalent total input referred spot
current noise of 4.4 pA/√Hz. As the signal current increases from
zero, it also adds its own current noise term to the output using the
same NPBW as the bias current noise. To calculate the total input
RMS noise with an input signal, take the RMS of the input signal
noise and the equivalent total input referred spot current noise as
previously described.
Table 9. Summary Pieces Combining to a Total RMS Noise Voltage at the Output
Separate Output Noise Terms Integrating into the V RMS Pieces Noise Term
Spectral Density
Integrated Noise Term
(μV RMS)
Percent of Output
Noise Power
Input Current Noise of the Op Amp
IN
110 fA/√Hz
1.5
0.06%
RF Noise with G =1 to the Output and 1.57 × P1 Integrated
Bandwidth
RF term
25.8 nV/√Hz
14.7
5.59%
en with G =1 to the Output through Z1
en G =1 term
7.3 nV/√Hz
2.3
0.14%
Rising Integrated Equivalent Spot Noise from Z1 to P1
en Z1 to P1 integrated
7.3 nV/√Hz
15.9
6.54%
Flat from P1 to Final Single-Pole Roll-Off Frequency (f−3 dB)
en × NGHI P1 to f−3 dB
24.8 nV/√Hz
58.2
87.67%
RMS Total Output Noise
Not applicable
Not applicable
62.16
Not applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com