Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4351-2ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADA4351-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4351-2ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA4351-2ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Data Sheet
ADA4351-2
THEORY OF OPERATION
analog.com
Rev. 0 | 23 of 36
OVERVIEW
The ADA4351-2 is a small, dual-channel precision PGTIA designed
to maximize system dynamic range by minimizing errors associated
with a PGTIA signal chain while reducing overall PCB footprint
requirements. The main amplifier has low offset voltage over tem-
perature, low noise, and low input bias current and is designed
to drive an analog-to-digital converter (ADC) directly. The propriet-
ary low off-leakage switches used to select one of two feedback
paths outperform typical CMOS switches of similar size and on
resistance. The switches are arranged in a Kelvin configuration that
removes the nonlinear behavior of the CMOS switch on resistance
from the transfer function. With two possible external feedback
paths and a direct ADC drive, this dual-channel PGTIA significantly
reduces the PCB footprint requirements compared to a discrete
solution. Additionally, the PGTIA is internally compensated with a
3 pF internal feedback capacitor for gains >50 kΩ, assuming a
source capacitance (CS) of approximately 10 pF, which eliminates
the need for an external compensation capacitor, in most cases,
further reducing the required PCB footprint.
The analog circuitry operates on either a single supply (+2.7 V to
+5.5 V) or a dual supply (±1.35 V to ±2.75 V) with a rail-to-rail
output stage and a negative-rail input stage to provide user flexibili-
ty for unidirectional or bidirectional input current signals as well as
directly driving an ADC with a voltage reference up to 5.5 V. The
digital input (switch control) operates on supplies between 1.62 V
and 5.5 V to interface directly with standard logic levels (1.8, 3.3,
or 5) based on the voltage applied to the digital supply (DVSS and
DVDD). The voltage levels required for a logic low or high value
(VIH/VIL) are based on the digital input voltage (SW SEL) relative to
the corresponding digital rail (DVSS and DVDD).
The switches for Channel A and Channel B of the ADA4351-2
are controlled by the digital inputs, SW SEL A and SW SEL
B, respectively. The logic low and high threshold is based on
the digital power supply voltages (DVSS and DVDD, see Table
1 and Table 2 for more information). The digital supplies in the
ADA4351-2 are included to provide the user flexibility to control
the switch logic separately from the analog supply range as these
two ranges are not typically the same. The ADA4351-2 includes
level shifting circuitry to translate the switch control signals from
digital domain to the analog domain which simplifies the design
compared to a discrete solution. The two internal switch selections
are make-before-break to maintain a closed feedback loop during
switching to eliminate output overdrive glitches that would otherwise
occur.
To simplify terminology, because the two amplifiers inside the
ADA4351-2 are interchangeable, RF1, RF0, SW0, SW1, SW SEL,
+IN, and −IN refer to Channel A or Channel B. VOUT refers to OUTA
or OUTB, and within each channel, RF refers to RF1 or RF0.
PGTIA ERRORS
PGTIA Measurements
The ADA4351-2 is designed for high accuracy transimpedance
measurements for TIA gains from 200 Ω to beyond 10 MΩ.
Because different and competing error sources dominate at the
extremes of TIA gains, the ADA4351-2 is designed to be optimal
for any gain configuration (see the Switch Off Leakage Current
section for additional information). For lower TIA gain values, the
dominant output DC error source is the input offset voltage, while
for higher TIA gain values, the dominant output DC error source
is the input bias current and the switch off leakage current. The
following sections outline the leading errors in a PGTIA circuit.
The PGTIA circuit (see Figure 78) models a capacitive sensor with
a current source (that is, a photodiode) into the inverting junction
of a closed-loop op amp. This virtual ground passes the +IN bias
voltage over to the inverting summing junction as part of the diode
bias voltage and sinks all of the photodiode current from the output
pin through the feedback resistor. The photodiode is modeled as
a shunt capacitance (CD) and shunt resistance (RSH) in parallel
with the current source. Any signal current from the sensor flows
through the selected feedback path of the PGTIA, where the ideal
transfer function of the PGTIA is VOUT = diode current (ID) × RF0
(because the RF0 gain path is selected). When photodiode DC dark
current (IDARK) is significant, such as when a large reverse bias
voltage (−VB) is applied), it may also be included in the source
model.
Figure 78. PGTIA Circuit
Offset Voltage
The offset voltage of the amplifier in a PGTIA limits the minimum
detectable signal in the system at low gains. The error at the output
of the PGTIA due to the amplifier TIA offset is gained up by the
(DC) noise gain of the amplifier (1 + RF/RSH for a typical inverting
amplifier), where RSH is any shunt resistance in the photodiode
model. For RSH >> RF, this reduces to 1. Because the offset is a
voltage error, it impacts the usable and accurate codes of the ADC
for all TIA gains in a similar way. The ADA4351-2 uses proprietary
in-package offset and offset-drift trim that allow it to achieve a
maximum of 100 µV offset voltage at 25°C and 0.85 µV/°C drift
from −40°C to +125°C at a 5 V supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com