Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4351-2ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADA4351-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4351-2ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADA4351-2ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Data Sheet
ADA4351-2
THEORY OF OPERATION
analog.com
Rev. 0 | 26 of 36
Figure 84. Output Headroom (HR) to AVDD vs. RF
MAIN AMPLIFIER (CMOS)
Rail-to-Rail Output Stage
For a TIA in a single-supply configuration with a unidirectional input
signal (see Figure 85), the minimum detectable signal is directly
impacted by the input and output swing limits of the amplifier. For
this circuit to maintain best linearity, the reference voltage, VREF,
(noninverting input) must be biased at 0.1 V or higher to satisfy the
0.1 V output headroom above the negative supply.
Figure 85. ADA4351-2 Single-Supply Operation
For the output to be able to swing to GND, the analog part of
the amplifier must be operated on a negative supply that is less
than GND, usually −0.2 V to −0.5 V. Because the ADA4351-2 has
separate digital supplies, DVDD and DVSS, the logic threshold
levels are independent of the analog supplies, so the analog portion
can run on split supplies or a negative supply slightly less than
GND. The ADA4351-2 was designed with a rail-to-rail output stage
and can operate to within 100 mV from the power supplies with AOL
> 110 dB, which provides flexibility for the system and eases design
constraints.
Bottom Rail Input Stage
The VREF shown in Figure 85 is constrained by the input common-
mode range of the main amplifier. In a single-supply configuration,
VREF sets the minimum output voltage value; therefore, the dynamic
range is constrained between VREF and the maximum ADC input
voltage. The ADA4351-2 was designed with a PMOS input differ-
ential pair to allow the analog inputs to swing to AVSS, where
AVSS can be set to as much as 0.5 V less than DVSS. It is less
common in TIA designs for the input common-mode voltage across
the inputs to approach the positive supply. The ADA4351-2 input
stage requires 1.5 V headroom to the positive supply. Alternative
approaches to supporting a rail-to-rail input are to either add a
second input pair or an on-board charge pump to bias the input
stage more than the supply. However, the first approach creates
a large offset voltage in the crossover region, while the second
approach adds quiescent power and switching noise to the design.
Low Noise Operation
In a transimpedance amplifier, having low op-amp input voltage
noise is particularly crucial. At low frequency, the noise gain is near
1 V/V. However, at higher frequencies, the noise gain increases
from zero due to CS (see the TIA Design Theory section). Addition-
ally, more noise is integrated (per decade) at higher frequencies,
which contributes to the total output integrated noise. While there is
usually a design trade-off between noise and power consumption,
the ADA4351-2 contributes 7.3 nV/√Hz of wideband noise while
requiring only 3.3 mA per channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com