Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4351-2ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADA4351-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4351-2ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADA4351-2ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Data Sheet
ADA4351-2
THEORY OF OPERATION
analog.com
Rev. 0 | 25 of 36
Switch Off Leakage Current
In a PGTIA, the IOFF of the switches also adds to the total error
current in the system. The IOFF increases exponentially with tem-
perature. For a CMOS switch, there is a trade-off between on
resistance (RON) and IOFF. For systems that require the use of
low RF values, minimize the gain error by using a low RON switch.
However, a system with a large RF value is much more sensitive to
IOFF and requires a switch with a lower IOFF, and therefore, higher
RON. Another important aspect of CMOS switches is the IOFF when
operating the switch near the supply rail. Typical CMOS switches
exhibit excessive leakage when operating within 0.5 V from the
supply rail and, therefore, the leakage is not typically specified in
this region. Not only does the ADA4351-2 have low IOFF switches
(considering their low RON), but also the low leakage performance
extends to 0.1 V from the rail, yielding a wider usable range for the
TIA circuit.
Improved TIA Gain Accuracy Using a Kelvin
Connection for Channel Select
A typical switched gain TIA places the switches in series with
the different feedback resistors (see Figure 82), and therefore, the
switch on resistance is part of the transimpedance gain function.
The improved Kelvin approach used in the ADA4351-2 (see Figure
83) places half of the switches inside the loop to provide a Kelvin
connection. The on resistance of the left side switch shown in
Figure 83 then becomes part of the open-loop output impedance
and is corrected by the loop gain of the amplifier. Using the typical
open-loop gain (AOL) of 158 dB and the DC noise gain of 1 in a
TIA, the maximum on resistance of 19 Ω gives a vastly lower error
term of 19 Ω/(1 + 10158/20) = 0.24 µΩ to the output. Assuming no
load current, the on resistance of the right side switch does not
contribute any IR drop, so the voltage at the output is ID × RF. The
SW0 and SW1 pins have internal series resistances of 0.2 Ω and
0.56 Ω, respectively. To minimize parasitic resistance error, connect
the lower of the external RF values to the pin with the lower internal
resistance, SW0.
Figure 82. Switched Gain Transimpedance Amplifier with Error due to RON
Figure 83. Switched Gain Transimpedance Amplifier with Kelvin Switching
With the switch traditionally in series with RF, the RON of the switch
can vary over temperature and over signal level, which can also
result in gain error drift and nonlinearity.
The two trade-offs of Kelvin sensing are loss of headroom due to
ID × RON and an IOFF contribution because there is an off switch in
parallel feeding back through the inactive feedback resistor into the
summing junction. The loss of headroom is minimized by the low
RON of the switches in the ADA4351-2 (11 Ω at 5 V). Additionally,
the total IOFF of the parallel switches in the ADA4351-2 still has a
much lower IOFF than typical discrete CMOS switches.
Linear Output Voltage Range Considerations
Most photodiode amplifier applications are single supply. While
the ADA4351-2 input pins can swing to the negative supply, the
output stage starts to lose linearity within 0.1 V of either supply
rail. For feedback resistors RF more than 10 kΩ, and for best
linearity, design for a maximum output swing of 0.1 V less than
the positive supply (AVDD). For smaller TIA gains down to 200 Ω,
additional positive output headroom is required to accommodate for
an additional IR drop through the channel select switches inside the
amplifier loop. A conservative estimate of the maximum available
linear output voltage swing including this effect is given by the
following equation:
VO,MAX=AVDD−VHR
1+RONRF
(1)
where:
VHR is the no load headroom.
RON is the resistance of the switch inside the loop.
For example, assume VHR = 0.1 V, and RON = 33 Ω at 3 V and
19 Ω at 5 V over temperature (−40°C to +125°C). The resulting
output headroom vs. RF curves for 3 V and 5 V are shown in Figure
84). Carefully consider these effects to maintain the best signal path
linearity with the lowest DC errors.
The previous example assumed no load, and thus, no IR drop
across the switch on the right side in Figure 83. If there is a load,
there is also an IR drop through the right side switch outside the
loop in series with the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com