Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4351-2ACPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADA4351-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4351-2ACPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADA4351-2ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Data Sheet
ADA4351-2
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 29 of 36
Figure 88. Loop Gain Elements and Closed-Loop Transimpedance Frequency
Response for the Overcompensated Response in Figure 86
The noise gain here intersects the ADA4351-2 AOL curve at about
1.1 MHz, where the loop gain is at the 0 dB crossover with the
loop-gain phase curve showing a stable 71° phase margin in Figure
89. Higher frequency poles in the ADA4351-2 open-loop response
reduce this phase margin slightly but still yield a stable design.
Figure 89. Loop Gain Magnitude and Phase for the Design of Figure 88
Generally, a good starting point for a design is to set the feedback
pole as shown in Equation 2, which is in Hertz. Setting the feedback
pole, P1, at 0.707 × f0 yields an approximate Butterworth response,
giving a maximally flat closed-loop response with only 4% step
response overshoot.
P1= 12πRFCF= GBP4πRFCS=f02
(2)
If P1 is set as shown in Equation 2, the closed-loop transimpedance
response has a f−3dB ≈ f0.
Example Transimpedance Design for Higher
Gain, Lower Bandwidth
Re-executing the design shown in Figure 86 for a higher gain, and
setting P1 to approximate a Butterworth closed-loop design, results
in the design shown in Figure 90.
Figure 90. Higher Gain, Lower Bandwidth Butterworth Design Example with
CD = 50 pF
This simplified design equation is effective when CS > 5 × CF, as it
is here. Under those conditions, the approximate zero, Z1, is 1/(2π
× 200 kΩ × 55.4 pF) = 14.4 kHz (note that this is neglecting CF in
the Z1 equation shown in Figure 87).
The characteristic frequency is approximately the following:
f0= GBP×Z1= 8.5 MHz × 14.4 kHz
=348 kHz
(3)
The feedback pole is placed at 0.707 × f0 = 246 kHz, and the
resulting f−3 dB must be near 350 kHz = f0. Rerunning the loop
gain and response shape curves for the updated design of Figure
90 gives a close fit as shown in Figure 91 with an f−3 dB = 340
kHz showing a flat Butterworth response. The required feedback
capacitor in this example is largely the internal 3 pF (CF, INT), where
that 0.2 pF externally across the 200 kΩ feedback shown in Figure
90 is approximately the parasitic capacitance for a surface-mount
resistor.
Figure 91. Redesigned TIA Design for a RF = 200 kΩ Butterworth Response
with CD = 50 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com