Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4351-2ACPZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADA4351-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4351-2ACPZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADA4351-2ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
Data Sheet
ADA4351-2
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 34 of 36
The feedback pole (1/(2π × 1 MΩ × 3 pF) = 53 kHz) shown
in Figure 97 is well under f0, giving an approximate single-order
pole at that feedback pole frequency. Adding an additional external
CF,EXT can tune this roll-off to lower frequencies; however, it is not
possible to extend the frequency span starting out with an internal
3 pF CF,INT. Increasing the CIN to 100 pF decreases f0 moving the
feedback pole closer to that but still giving an approximate first-or-
der response at the feedback pole frequency (53 kHz). Increasing
the CIN to more than 200 pF with a 1 MΩ feedback and an internal
3 pF CF,INT starts to show a second-order closed-loop response
extending the f−3 dB more than the simple feedback pole.
ACHIEVING LOW INPUT BIAS CURRENT
There are several factors to consider in a low input bias current
circuit. Leakage currents into high impedance signal nodes can
easily degrade measurement accuracy of picoamp signals. At the
picoamp level, leakage current can come from unexpected sources,
including adjacent traces on the PCB (whether on the same layer
or even from internal layers), contamination on the PCB (from the
assembly process or the environment), or other components on the
signal path. Take care in the design of the system can mitigate
these sources and preserve optimal performance.
An appropriate cleaning process after assembly is essential to
avoid leakages from solder flux and other contaminants. Relative
humidity also must be considered because PCB materials and the
plastic mold compound of the package itself can absorb moisture
and cause additional leakage paths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com