Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4351-2ACPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADA4351-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4351-2ACPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADA4351-2ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Data Sheet
ADA4351-2
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 28 of 36
TIA DESIGN THEORY
With its low input bias current and 8.5 MHz gain bandwidth product,
the ADA4351-2 offers an effective solution for programmable gain
photodiode amplifier applications. Figure 86 shows a typical design
setup using one of the two possible feedback channels available.
The example in Figure 86 shows the external RC values for the 15
kΩ, 100 pF photodiode capacitance (CD), 16 pF external feedback,
CF,EXT, example shown in Figure 96.
Example Transimpedance Design with
Overcompensated Response
Figure 86. Example Transimpedance Design Giving the Overcompensated
Frequency Response Shown in Figure 96
For transimpedance design, a photodiode capacitance and any
layout parasitic and internal parasitic capacitance for the amplifier
must be taken into consideration. The shunt resistance (RSH) of
the photodiode is normally some orders of magnitude greater than
RF (RSH >> RF) and is usually neglected for the design. Determine
the CD at the reverse bias voltage (−VB) using the curve in the
user-selected diode data sheet. The total source capacitance (CS)
at the inverting input is as follows:
CS = CD + CCM + CDIFF + CSTRAY
where:
CCM is the internal, common-mode capacitance.
CDIFF is the internal, differential capacitance (with CCM +
CDIFF = 5.5 pF).
CSTRAY is the stray capacitance due to the PCB.
Calculate the total CF as follows:
CF = CF,EXT + CF,INT
where:
CF,EXT is the external feedback capacitance.
CF,INT is the internal, 3 pF feedback capacitance of the ADA4351-2.
The DC gain is set by the RF value. The overall frequency response
is determined by multiple frequency elements whose effects lay
over each other. To approximate the characteristic frequency (f0),
calculate the geometric mean of the noise gain zero formed by RF
and CS, given by Z1 in Figure 87, and the GPB of the amplifier.
While some designs can force the closed-loop response to single
pole (making the feedback pole, P1, much lower than the character-
istic frequency), most designs either try to drive the gain up as high
as possible for a target bandwidth or try to drive the bandwidth up
as high as possible for a target RF. Figure 87 shows these key
frequencies in a loop gain Bode plot of the single-pole, open-loop
response of the op amp and the inverse of the feedback divider
(1/β) superimposed on that. This 1/β is the noise gain frequency
response and also is the gain over frequency for the 7.3 nV/√Hz
input voltage noise.
Figure 87. Loop Gain Plot for Any Transimpedance Amplifier Design
Because CS is often much larger than CF, it is a good approxima-
tion to drop CF out of the equation for Z1 (see Figure 87). In that
circumstance, the equations for P1 and f0 are now independent of
each other; therefore, P1 can be adjusted without affecting f0 signif-
icantly. Normally, P1 is less than f0 and produces a closed-loop
second-order response with either two real poles (Q ≤ 0.5) or com-
plex poles (Q > 0.5) giving a classic second-order response. The
example overcompensated design of Figure 86 shows these loop
gain magnitude elements in Figure 88. The AOL is the open-loop,
single-pole gain response, and the noise gain starts at 0 dB at DC
and then rises at ≈101 kHz (noise gain zero, Z1) and flattens back
out at P1 = 573 kHz with the higher noise gain set by 1 + CS/CF
= 1 + 105.4 pF/19 pF = 6.5 V/V (or 16.3 dB), crossing over the
AOL curve with excellent phase margin as seen in Figure 89. The
approximate
f0 =  8.5 MHz × 101 kHz = 926 kHz,where
the resulting closed-loop transimpedance response (see Figure 88)
shows the rolled off response for the Q ≈ 0.62 in this test circuit
giving f−3 dB ≈ 745 kHz. A good approximation when CS > 5 × CF is
that Q ≈ (P1/f0), where it solves to 573 kHz/926 kHz = 0.62 = Q.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com