Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4351-2ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADA4351-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4351-2ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADA4351-2ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Data Sheet
ADA4351-2
THEORY OF OPERATION
analog.com
Rev. 0 | 27 of 36
Current Noise
When using large transimpedance gains, the current noise of the
main amplifier can be a major source of noise in a system. The
current noise flows through the feedback resistor and appears at
the output as a voltage (current noise × RF). Similar to the leakage
and bias current errors in the TIA, the current noise becomes more
dominant at higher TIA gains. Also, if the photodiode is reverse
biased, users must include its dark current noise contribution, which
can, in some cases, become the dominant current noise term.
In CMOS amplifiers, the input bias current noise increases over
frequency and, therefore, can have a major impact on the total
integrated noise. The ADA4351-2 was designed to have low current
noise, but it increases with frequency. A 110 fA/√Hz flat current
noise spectral density from 10 kHz to 100 kHz is used in the
Photodiode Circuit Design Wizard to represent the worst case, high
frequency noise.
Using a TIA gain of 1 MΩ, the Johnson noise of the resistor itself
at the output is 127 nV/√Hz (at room temperature), while the 110
fA/√Hz current noise spectral density of the amplifier times the TIA
gain at 10 kHz is a comparable 110 nV/√Hz . Both of these noise
sources are usually dominated by the voltage noise contribution in
most applications (see the Noise Contributions for Transimpedance
Amplifiers section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com