Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4351-2ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4351-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4351-2ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4351-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Data Sheet
ADA4351-2
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 10 of 36
Figure 5. Pin Configuration
Table 7. Pin Function Description
Pin No.
Mnemonic
Description
1
−IN A
Inverting Input of Amplifier A.
2
+IN A
Noninverting Input of Amplifier A.
3
+IN B
Noninverting Input of Amplifier B.
4
−IN B
Inverting Input of Amplifier B.
5
SW0 B
Switch 0 Feedback Pin for Amplifier B.
6
SW1 B
Switch 1 Feedback Pin for Amplifier B.
7
OUTB
Output of Amplifier B.
8
AVSS
Analog Negative Supply Voltage.
9
DVSS
Digital Negative Supply Voltage.
10
SW SEL B
Switch Control for Amplifier B. The SW SEL B pin has an 865 kΩ pull-down resistor to DVSS.
11
SW SEL A
Switch Control for Amplifier A. The SW SEL A pin has an 865 kΩ pull-down resistor to DVSS.
12
DVDD
Digital Positive Supply Voltage.
13
AVDD
Analog Positive Supply Voltage.
14
OUTA
Output of Amplifier A.
15
SW1 A
Switch 1 Feedback Pin for Amplifier A.
16
SW0 A
Switch 0 Feedback Pin for Amplifier A.
TRUTH TABLE
Table 8. Truth Table
SW SEL A
SW SEL B
SW0 A
SW0 B
SW1 A
SW1 B
0
0
On
On
Off
Off
0
1
On
Off
Off
On
1
0
Off
On
On
Off
1
1
Off
Off
On
On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com