Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4351-2ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4351-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4351-2ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4351-2ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Data Sheet
ADA4351-2
SPECIFICATIONS
analog.com
Rev. 0 | 7 of 36
Table 2. 3 V Specifications (Continued)
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
Test Level
DIGITAL POWER SUPPLIES (DVDD AND DVSS)
Operating Range (DVDD − DVSS)
1.62
5.5
V
P
Quiescent Current
1
μA
P
TA = −40°C to +125°C
10
μA
CT
ANALOG SWITCH CHARACTERISTICS
Switch On Resistance (RON)
21
25
Ω
P
TA = −40°C to +125°C
33
Ω
CT
Switch On-Resistance Drift
TA = −40°C to +125°C
0.25
%/°C
CT
SW0 and SW1 Switch Off Pin Capacitance
1.8
pF
CB
NOISE
Input Voltage Noise Density (en)
f = 100 kHz
7.3
nV/√Hz
CB
Integrated Voltage Noise
f = 0.1 Hz to 10 Hz
4.5
µV p-p
CB
1 To simplify terminology throughout this data sheet, because the two amplifiers inside the ADA4351-2 are interchangeable, RF1, RF0, SW0, SW1, SW SEL, +IN, and −IN
refer to Channel A or Channel B. VOUT refers to OUTA or OUTB, and within each channel, RF refers to RF1 or RF0.
2 High speed production testing limits the accuracy of this specification.
3 Linear current is the current that these pins can conduct while VOS shifts by less than 20 μV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com