Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4351-2ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4351-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4351-2ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4351-2ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Data Sheet
ADA4351-2
Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier
(PGTIA)
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
Small, dual-channel, complete PGTIA and AFE solution
Small size package:16-lead LFCSP, 3 mm × 3 mm
Integrated switches, 2 external gains per channel
Wide input current dynamic range from picoamps to milliamps
Excellent DC precision
Low offset voltage: ±100 μV maximum, 25°C
Low offset voltage drift: ±0.85 μV/°C maximum, −40°C to
+125°C
Low input bias current: ±9 pA maximum, 25°C
Low switch off leakage current : ±90 pA maximum (−40°C to
+125°C)
New integrated architecture eliminates gain error due to switch
resistance
Single-supply operation: +2.7 V to +5.5 V (dual-supply operation:
±1.85 V to ±2.75 V)
Wide gain bandwidth product: 8.5 MHz
Wide operating temperature range: −40°C to +125°C
APPLICATIONS
Precision current to voltage (I to V) conversion
Programmable gain TIAs
Photodetector interface and amplification
Optical networking equipment
Optical power measurement
Instrumentation—spectroscopy and chromatography
Precision data acquisition systems (DAQ)
TYPICAL APPLICATION DIAGRAM
Figure 1. Compact Optical Measurement Signal Chain
GENERAL DESCRIPTION
The ADA4351-2 is a compact, monolithic, dual-channel, preci-
sion, programmable gain transimpedance amplifier (PGTIA). The
ADA4351-2 is a breakthrough solution for precisely measuring
small currents over a wide dynamic range. The precision of the
ADA4351-2 over a wide temperature range of −40°C to +125°C
enables users to perform one calibration of the end equipment
at room temperature, thereby saving test time and cost. The
ADA4351-2 integrates two low off leakage current switches per
channel, and the gain is programmable using two user-selectable
external resistors to provide a flexible, fully functional compact
PGTIA solution. Separate analog and digital supplies allow the
amplifier of the ADA4351-2 to operate on bipolar supplies, while
the integrated logic level shifting allows the digital interface to
remain ground referenced. Additionally, with its robust output stage
and low noise, the ADA4351-2 can directly drive 16-bit precision
analog-to-digital converters (ADCs, such as AD4696), providing a
complete analog front-end (AFE) to address the most challenging
precision current measurement applications.
The ADA4351-2 is offered in a 3 mm × 3 mm LFCSP, reducing
the printed circuit board (PCB) area by up to 70% relative to a
discrete design using standalone operational amplifiers (op amps)
and switches. Additionally, there is no exposed pad (EPAD) on the
back side of the LFCSP, eliminating the need for vias and allowing
routing on all layers of the PCB beneath the device to further
reduce the board area and to provide the most compact PGTIA and
AFE solution.
Figure 2. PGTIA Maximum Error RTI vs. Temperature (Includes Input Bias
Current (IB), Offset Voltage (VOS,) and Switch Off Leakage Current (IOFF))


Similar Part No. - ADA4351-2ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4350 AD-ADA4350 Datasheet
799Kb / 38P
FET Input Analog Front End with ADC Driver
Rev. B
ADA4350ARUZ AD-ADA4350ARUZ Datasheet
799Kb / 38P
FET Input Analog Front End with ADC Driver
Rev. B
ADA4350ARUZ-R7 AD-ADA4350ARUZ-R7 Datasheet
799Kb / 38P
FET Input Analog Front End with ADC Driver
Rev. B
ADA4352-2 AD-ADA4352-2 Datasheet
1Mb / 47P
Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
Rev. 0; 10/24
ADA4352-2ACPZ AD-ADA4352-2ACPZ Datasheet
1Mb / 47P
Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
Rev. 0; 10/24
More results

Similar Description - ADA4351-2ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO164 BURR-BROWN-ISO164 Datasheet
194Kb / 8P
Precision, Isolated PROGRAMMABLE GAIN AMPLIFIER
logo
List of Unclassifed Man...
MTI04BS ETC1-MTI04BS Datasheet
271Kb / 10P
MULTI-CHANNEL PROGRAMMABLE GAIN TRANSIMPEDANCE AMPLIFIER
logo
Texas Instruments
LMH32401 TI1-LMH32401 Datasheet
1Mb / 28P
LMH32401 500-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
OPA3S2859-EP TI-OPA3S2859-EP Datasheet
1Mb / 28P
Enhanced Product, Dual-Channel, 900-MHz, 2.5-nV/?숰z, Programmable Gain Transimpedance Amplifier
logo
Dialog Semiconductor
CCG1401 DIALOG-CCG1401 Datasheet
1Mb / 20P
Programmable Transimpedance Amplifier
logo
Analog Devices
AD8271 AD-AD8271 Datasheet
381Kb / 20P
Programmable Gain Precision Difference Amplifier
Rev. 0
logo
Texas Instruments
OPA3S2859 TI-OPA3S2859 Datasheet
2Mb / 33P
OPA3S2859 Dual-Channel, 900-MHz, 2.2-nV/?숰z, Programmable Gain Transimpedance Amplifier
MAY 2022
OPA3S2859 TI-OPA3S2859_V01 Datasheet
2Mb / 34P
OPA3S2859 Dual-Channel, 900-MHz, 2.2-nV/√Hz, Programmable Gain Transimpedance Amplifier
REVISED AUGUST 2022
LMH32401 TI-LMH32401_V01 Datasheet
2Mb / 40P
LMH32401 450-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
REVISED AUGUST 2022
logo
Renesas Technology Corp
CCG1401 RENESAS-CCG1401 Datasheet
1Mb / 24P
Programmable Transimpedance Amplifier
Feb 28, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com