Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4351-2ACPZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4351-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4351-2ACPZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADA4351-2ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Data Sheet
ADA4351-2
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 36
Features................................................................ 1
Applications........................................................... 1
Typical Application Diagram.................................. 1
General Description...............................................1
Functional Block Diagram......................................3
Specifications........................................................ 4
5 V Specifications...............................................4
3 V Specifications...............................................6
Absolute Maximum Ratings...................................8
Thermal Resistance........................................... 8
Maximum Power Dissipation.............................. 8
Output Current Derating Curve.......................... 8
Explanation of Test Levels..................................8
Electrostatic Discharge (ESD) Ratings...............9
ESD Caution.......................................................9
Pin Configuration and Function Descriptions...... 10
Truth Table....................................................... 10
Typical Performance Characteristics................... 11
Theory of Operation.............................................23
Overview.......................................................... 23
PGTIA Errors....................................................23
Main Amplifier (CMOS).................................... 26
Applications Information...................................... 28
TIA Design Theory........................................... 28
Noise Contributions for Transimpedance
Amplifiers........................................................30
Error Budget.....................................................32
ADC Driving......................................................32
Compensated and Noncompensated
Frequency Response..................................... 33
Achieving Low Input Bias Current.................... 34
PCB Layout...................................................... 35
Outline Dimensions............................................. 36
Ordering Guide.................................................36
Evaluation Boards............................................ 36
REVISION HISTORY
10/2023—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com