Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4351-2ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4351-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4351-2ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4351-2ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4351-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Data Sheet
ADA4351-2
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 36
5 V SPECIFICATIONS
TA = 25°C, AVDD = 5 V, AVSS = 0 V, DVDD = 3 V, DVSS = 0 V, load resistance (RL) = open, and +IN = 2.5 V, unless otherwise noted. These
default AVDD, AVSS, and +IN conditions are equivalent to a symmetrical supply configuration with +IN biased to 0 V.
Table 1. 5 V Specifications
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
Test Level
DC PERFORMANCE
Offset Voltage (VOS), Referred to Input (RTI)
±20
±100
µV
P
Offset Voltage Drift, RTI
TA = 0°C to +85°C
±0.15
±0.8
µV/°C
CB
TA = −40°C to +125°C
±0.16
±0.85
µV/°C
CB
Input Bias Current at −IN
±2
±9
pA
P
TA = −40°C to +85°C
±45
pA
CT
TA = −40°C to +105°C
±70
pA
CT
TA = −40°C to +125°C
±100
pA
CT
Input Bias Current at +IN
±2
±9
pA
P
TA = −40°C to +85°C
±70
pA
CT
TA = −40°C to +105°C
±110
pA
CT
TA = −40°C to +125°C
±150
pA
CT
Open-Loop Gain (AOL)
RF = 10 kΩ, VOUT = 0.5 V to 4.5 V2
95
158
dB
P
VOUT = 0.1 V to 4.9 V, TA = −40°C to
+125°C
108
dB
CT
INPUT CHARACTERISTICS
Common-Mode Input Impedance at +IN
3.75/1
TΩ/pF
CB
Common-Mode Input Impedance at −IN
3.75/3.5
TΩ/pF
CB
Differential Mode Input Capacitance
2
pF
CB
Internal Feedback Capacitance
3
pF
CB
Input Common-Mode Voltage Range (VCM)
TA = −40°C to +125°C
AVSS
AVDD − 1.5 V
CB
Common-Mode Rejection Ratio (CMRR)
VCM = 0.1 V to 1.9 V
74
87
dB
P
VCM = 2.6 V to 3.5 V
80
98
dB
P
VCM = 0.1 V to 3.5 V, TA = −40°C to
+125°C
78
dB
CT
OUTPUT CHARACTERISTICS
Saturated Output Voltage Swing to AVSS (VOUT −
AVSS)
RF = 10 kΩ
10
mV
P
Saturated Output Voltage Swing to AVDD (AVDD −
VOUT)
RF = 10 kΩ
10
mV
P
Short-Circuit Output Current
Sinking/sourcing, VOUT = 2.5 V
75/63
mA
CB
Linear SW0, SW1 Current3
VOUT = 2.5 V
±75
mA
CB
DYNAMIC PERFORMANCE
Gain Bandwidth Product (GBP)
8.5
MHz
CB
Slew Rate
10% to 90%
8
V/μs
CB
Total Harmonic Distortion (THD)
G = −1, RF = 15 kΩ, f = 1 kHz, VOUT = 1 V
RMS
−126
dBc
CB
ANALOG POWER SUPPLIES (AVDD AND AVSS)
Operating Range VS = AVDD − AVSS
Guaranteed by power supply rejection ratio
(PSRR)
2.7
5.5
V
P
AVSS Range Below DVSS
−0.5
0
V
S
Quiescent Current Per Amplifier
3.3
3.5
mA
P
TA = −40°C to +125°C
4.35
mA
CT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com